Electronic Components Datasheet Search
  English  ▼

X  

IR2161 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2161
Description  HALOGEN CONVERTOR CONTROL IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2161 Datasheet(HTML) 1 Page - International Rectifier

  IR2161 Datasheet HTML 1Page - International Rectifier IR2161 Datasheet HTML 2Page - International Rectifier IR2161 Datasheet HTML 3Page - International Rectifier IR2161 Datasheet HTML 4Page - International Rectifier IR2161 Datasheet HTML 5Page - International Rectifier IR2161 Datasheet HTML 6Page - International Rectifier IR2161 Datasheet HTML 7Page - International Rectifier IR2161 Datasheet HTML 8Page - International Rectifier IR2161 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
• Intelligent half-bridge driver
• Auto Resetting Short Circuit Protection
• Auto Resetting Overload Protection
• Externally Triggerable Latching Shutdown
• Latching Overtemperature Protection
• Frequency Modulation “dither” (for lower EMI)
• Micropower Startup (<300 μA)
• Phase Cut dimmable for leading / trailing edge
• Output Voltage Shift Compensation.
• Real Softstart
• Adaptive Dead Time
• Small 8 Pin DIP/SOIC Package
• Also available LEAD-FREE (PbF)
Data Sheet No. PD60219 rev C
HALOGEN CONVERTOR CONTROL IC
Typical Connections
IR2161(S) & (PbF)
Description
The IR2161 is a dedicated Intelligent Half bridge Driver IC for a Halogen convertor (electronic transformer). It
includes all necessary protection features and also allows the Convertor to be dimmed externally with a
standard phase cut dimmer with both leading or trailing edge types. This IC provides the advantage of reduced
thermal stress in the lamp due to softstart. There is also compensation of the output voltage for load regulation.
It enables the convertor to operate with extremely low harmonic distortion over the full range of loads. The
IR2161 includes adaptive deadtime to allow cool running MOSFETs and improves the EMI behaviour due to
frequency modulation (dither). All the features are integrated in a small 8 pin DIP/SOIC package to allow for a
size reduction in the next generation of convertors.
www.irf.com
1
Packages
8-Lead PDIP
IR2161
8-Lead SOIC
IR2161S
Note: Throughout this data sheet “convertor” is spelled in accordance with standard IEC 61047 “DC or AC supplied convertors
for filament lamps – Performance requirements”.
AC LINE
INPUT
12VAC
OUTPUT
1
2
3
4
VCC
COM
CS
LO
VS
HO
VB
8
7
6
5
CSD
Q1
Q2
RS
RD
CD
LF
CLF
VZ
DS
CSD
RCS
CB
RL
CVCC1
DB
CCS
CVCC2
D1
D2
D3
D4
CSNUB
C3
C4
R1
C1
R2
C2
T1
DCP1
DCP2


Similar Part No. - IR2161

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2161 IRF-IR2161 Datasheet
214Kb / 19P
HALOGEN CONVERTOR CONTROL IC
IR2161PBF IRF-IR2161PBF Datasheet
470Kb / 20P
HALOGEN CONVERTOR CONTROL IC
IR2161S IRF-IR2161S Datasheet
214Kb / 19P
HALOGEN CONVERTOR CONTROL IC
IR2161SPBF IRF-IR2161SPBF Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
IR2161STRPBF IRF-IR2161STRPBF Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
More results

Similar Description - IR2161

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2798GR NEC-UPC2798GR Datasheet
160Kb / 24P
IF DOWN CONVERTOR IC FOR DIGITAL CATV
logo
New Japan Radio
NJM2360A NJRC-NJM2360A Datasheet
174Kb / 3P
HIGH PRECISION DC/DC CONVERTOR CONTROL IC
logo
International Rectifier
IR2161 IRF-IR2161 Datasheet
214Kb / 19P
HALOGEN CONVERTOR CONTROL IC
logo
LSI Computer Systems
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
International Rectifier
IR2161STRPBF IRF-IR2161STRPBF Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
IR2161PBF IRF-IR2161PBF Datasheet
470Kb / 20P
HALOGEN CONVERTOR CONTROL IC
IR2161SPBF IRF-IR2161SPBF Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
logo
LSI Computer Systems
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
Mitsumi Electronics, Co...
MM3472 MITSUMI-MM3472 Datasheet
817Kb / 10P
0.6A step-down DC-DC convertor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com