Electronic Components Datasheet Search
  English  ▼

X  

IR2161 Datasheet(PDF) 5 Page - International Rectifier

Part # IR2161
Description  HALOGEN CONVERTOR CONTROL IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2161 Datasheet(HTML) 5 Page - International Rectifier

  IR2161 Datasheet HTML 1Page - International Rectifier IR2161 Datasheet HTML 2Page - International Rectifier IR2161 Datasheet HTML 3Page - International Rectifier IR2161 Datasheet HTML 4Page - International Rectifier IR2161 Datasheet HTML 5Page - International Rectifier IR2161 Datasheet HTML 6Page - International Rectifier IR2161 Datasheet HTML 7Page - International Rectifier IR2161 Datasheet HTML 8Page - International Rectifier IR2161 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IR2161(S)&(PbF)
www.irf.com
5
Symbol Description
VCC
Supply voltage
COM
IC power and signal ground
CSD
Shutdown timing and compensation capacitor
CS
Current sensing input
LO
Low-side gate driver output
VS
High-side floating return
HO
High side gate driver output
VB
High side gate driver floating supply
Lead Definitions
Lead Assignments
* Recommended value for CSD is 100nF (all performance data relates to this value)
NOTE: The recommended value for RL is 1K Ohm and CCS is 1nF.
Electrical Characteristics (cont.)
VCC = VBS = VBIAS = 14V, +/- 0.25V, VCSD = 5.0V, CLO =CHO = 1000 pF, and TA = 25°C unless otherwise specified.
Soft Start Characteristics
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
ISS
Soft start CSD charge current
—
0.5
—
mA
fSS
Soft start frequency
—
115
—
kHz
VCC>VCCUV+
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
VLO=LOW LO voltage when LO is low
—
COM
—
VHO=LOW HO voltage when HO is low
—
COM
—
VLO=HIGH LO voltage when LO is high
—
VCC
—
VHO=HIGH
HO voltage when HO is high
—
VCC
—
tRISE
Turn-on rise time
—
110
250
tFALL
Turn-off fall time
—
60
140
IO+
HO, LO source current
—
200
—
IO-
HO, LO sink current
—
300
—
Gate Driver Output Characteristics
mA
CHO=CLO=1nF
ns
1
2
3
4
VCC
COM
CS
LO
VS
HO
VB
8
7
6
5
CSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com