Electronic Components Datasheet Search
  English  ▼

X  

IR2161 Datasheet(PDF) 4 Page - International Rectifier

Part # IR2161
Description  HALOGEN CONVERTOR CONTROL IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2161 Datasheet(HTML) 4 Page - International Rectifier

  IR2161 Datasheet HTML 1Page - International Rectifier IR2161 Datasheet HTML 2Page - International Rectifier IR2161 Datasheet HTML 3Page - International Rectifier IR2161 Datasheet HTML 4Page - International Rectifier IR2161 Datasheet HTML 5Page - International Rectifier IR2161 Datasheet HTML 6Page - International Rectifier IR2161 Datasheet HTML 7Page - International Rectifier IR2161 Datasheet HTML 8Page - International Rectifier IR2161 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IR2161(S)&(PbF)
4
www.irf.com
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
f(min)
Minimum oscillator frequency
—
34
—
VCSD = 5.3V
f(max)
Maximum oscillator frequency in RUN mode
—
70
—
VCSD = 0V
D
Oscillator duty cycle
—
50
—
%
DTLO(max) Maximum LO output deadtime
—
1.0
—
(run mode default)
DTHO(max) Maximum HO output deadtime
—
1.0
—
(run mode default)
Electrical Characteristics (cont’d)
VCC = VBS = VBIAS = 14V, +/- 0.25V, VCSD = 5.0V, CLO =CHO = 1000 pF, and TA = 25°C unless otherwise specified.
Shutdown Circuit Characteristics
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
VCSOL
Overload threshold (CS PID)
0.47
0.56
0.64
VCSSC
CSD short circuit threshold (CS PID)
1
1.2
1.4
IOL
CSD overload charging current
6
9
12
VCS=0.8V,VCSD=7V
ISC
CSD short circuit charging current
75
100
120
VCS=1.5V,VCSD=7V
IRESET
CSD shutdown reset current
0.1
0.7
—
VCSD=14V
VCSLATCH Latched shutdown threshold
—
9
—
V
TCSLATCH Latched shutdown delay
1
μsec
VCS>VCSLATCH
VCSDOL
Begin fault timing
—
5
—
VCS>VCSOL
VCSDSD
Positive going threshold for oscillator
—
12
—
VCS > VCSOL
shutdown
VCSDRS
Negative going threshold for oscillator restart
—
2.4
—
V
DTLO(min)
Minimum LO output deadtime
—
700
—
DTHO(min)
Minimum HO output deadtime
—
700
—
Adaptive Dead-Time System Characteristics
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
Minimum propagation
delay from ADT to
output drivers
Oscillator Characteristics
kHz
no reset from ADT
Thermal Shutdown Characteristics
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
TSD
Latched over temperature limit
—
135
—
oC
uA
V
μsec
nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com