Electronic Components Datasheet Search
  English  ▼

X  

IR3537 Datasheet(PDF) 3 Page - International Rectifier

Part # IR3537
Description  Input supply under voltage protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537 Datasheet(HTML) 3 Page - International Rectifier

  IR3537 Datasheet HTML 1Page - International Rectifier IR3537 Datasheet HTML 2Page - International Rectifier IR3537 Datasheet HTML 3Page - International Rectifier IR3537 Datasheet HTML 4Page - International Rectifier IR3537 Datasheet HTML 5Page - International Rectifier IR3537 Datasheet HTML 6Page - International Rectifier IR3537 Datasheet HTML 7Page - International Rectifier IR3537 Datasheet HTML 8Page - International Rectifier IR3537 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.irf.com | © 2014 International Rectifier
January  9, 2015   |  V1.2
3
IR3537 
CHL8510
12V High Performance Gate Driver 
FUNCTIONAL BLOCK DIAGRAM 
 
Figure 3: IR3537/CHL8510 Functional Block Diagram 
PIN DESCRIPTIONS 
PIN #
PIN NAME
PIN DESCRIPTION
1 
BOOT 
Floating bootstrap supply pin for the upper gate drive. Connect a bootstrap capacitor between  
this pin and the SWITCH pin. The bootstrap capacitor provides the charge to turn on the upper 
MOSFET. See the Internal Bootstrap Device section under DESCRIPTION for guidance in choosing  
the capacitor value.  
2 
HVCC 
Connect this pin to VCC (+12V) or to a separate supply between 4.5V and 13.2V to provide a lower 
gate drive voltage on the high‐side MOSFETs. It is connected to the anode of the internal bootstrap 
diode. Place a high‐quality low ESR ceramic capacitor from this pin to GND. 
3 
PWM 
The PWM signal is the control input for the driver from a 1.8V or 3.3V PWM signal. The PWM signal 
can enter three distinct states during operation; see the three‐state PWM Input section under 
DESCRIPTION for further details. Connect this pin to the PWM output of the controller. 
4 
VCC 
Connect this pin to a +12V bias supply. Place a high quality low ESR ceramic capacitor from this  
pin to GND. 
5 
LVCC 
Connect this pin to VCC (+12V) or a separate supply voltage between 4.5V and 13.2V to vary the drive 
voltage on the low‐side MOSFETs. Place a high‐quality low ESR ceramic capacitor from this pin to GND.   
This pin must always be ≤ VCC+0.7Vdc. 
6 
LO_GATE 
Lower gate drive output. Connect to gate of the low‐side power N‐Channel MOSFET.  
7 
GND  
Bias and reference ground. All signals are referenced to this node. It is also the power ground return  
of the driver.  
8 
MODE 
This pin allows selection of the PWM signal voltage for 1.8V or 3.3V normal operation. Floating this pin 
configures the driver for IR Active Tri‐Level (ATL) using 1.8V PWM, and connecting this pin to ground 
configures the driver for generic active tri‐state operation using 3.3V PWM. 
9 
SWITCH 
Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET. This pin 
provides a return path for the upper gate drive. 
10 
HI_GATE 
Upper gate drive output. Connect to gate of high‐side power N‐Channel MOSFET.  
PAD (11) 
GND 
Bias and reference ground. All signals are referenced to this node. It is also the power ground return 
of the driver. 
POR,
reference
and
Control
Shoot
Through
Control
LVCC
LO_GATE
HI_GATE
GND
SWITCH
PWM
VCC
BOOT
MODE
HVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com