Electronic Components Datasheet Search
  English  ▼

X  

IR3537 Datasheet(PDF) 10 Page - International Rectifier

Part # IR3537
Description  Input supply under voltage protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3537 Datasheet HTML 6Page - International Rectifier IR3537 Datasheet HTML 7Page - International Rectifier IR3537 Datasheet HTML 8Page - International Rectifier IR3537 Datasheet HTML 9Page - International Rectifier IR3537 Datasheet HTML 10Page - International Rectifier IR3537 Datasheet HTML 11Page - International Rectifier IR3537 Datasheet HTML 12Page - International Rectifier IR3537 Datasheet HTML 13Page - International Rectifier IR3537 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.irf.com | © 2014 International Rectifier
January  9, 2015   |  V1.2
10
IR3537 
CHL8510
12V High Performance Gate Driver 
IR3537/CHL8510 to switch FETs based on a generic tri‐
state signaling with the PWM signal from 0V to 3.3V for 
low to high transitions. A PWM voltage level in the tri‐state 
window between 1.23V and 1.82V for 80ns results in 
disabling both external MOSFETs. 
IR ACTIVE TRI‐LEVEL PWM INPUT SIGNAL 
The IR3537/CHL8510 gate drivers are driven by a unique 
tri‐level PWM control signal provided by the International 
Rectifier’s digital PWM controllers. During normal 
operation, the rising and falling edges of the PWM signal 
transitions between 0V and 1.8V to switch the LO_GATE 
and HI_GATE. To force both driver outputs low 
simultaneously, the PWM signal crosses a tri‐state voltage 
level higher than the tri‐state HI_GATE threshold. This 
threshold based tri‐state results in a very fast disable with 
only a small tri‐state propagation delay. MOSFET switching 
resumes when the PWM signal falls below the tri‐state 
threshold into the normal operating voltage range.  
This fast tri‐state operation eliminates the need for the 
PWM signal to dwell in the shutdown window, eliminating 
any hold‐off time. In addition, the disable delay time is  
not affected by the PWM trace routing capacitance.  
A dedicated enable pin is not required which simplifies the 
routing and layout in applications with a limited number  
of board layers. It also provides switching free of shoot 
through for PWM transition times of up to 20ns. The 
IR3537/CHL8510 is therefore tolerant of stray capacitance 
on the PWM signal lines. 
The IR3537/CHL8510 provides a 0.88mA typical pull‐up 
current to drive the PWM input to the tri‐state condition of 
3.3V when the PWM controller output is in its high 
impedance state. The 0.88mA typical current is designed 
for driving worst case stray capacitances and transition the 
IR3537/CHL8510 into the tri‐state condition rapidly to 
avoid a prolonged period of conduction of the high‐ or low‐
side MOSFETs during faults. Once the PWM signal has been 
pulled up, the current is disabled to reduce power 
consumption. 
DIODE EMULATION DURING LOAD RELEASE 
One advantage of ATL is the ability to quickly turn‐off all 
low‐side MOSFETs during a load release event. This is 
known as diode emulation since all the load current is 
forced to flow momentarily through the body diodes of the 
MOSFETs. This results in a much lower overshoot on the 
output voltage as can be seen in Figure 7. 
Figure 7: Output voltage overshoot reduction  
with body‐braking 
START UP 
During initial startup, the IR3537/CHL8510 holds both  
high‐ and low‐side drivers low even after POR threshold is 
reached. This mode is maintained while the PWM signal is 
pulled to the tri‐state threshold level greater than the  
tri‐state HI_GATE threshold and until it transitions out of 
tri‐state. It is this initial transition out of the tri‐state which 
enables both drivers to switch based on the normal PWM  
voltage levels.  
This startup also ensures that any undetermined PWM 
signal levels from a controller in pre‐POR state will not 
result in high or low‐side MOSFET turn on until the 
controller is out of its POR. 
Note:  The CHL8510/IR3537 driver requires that the LVCC 
and VCC supply voltages be sequenced and operated 
under all start‐up, operating, and shutdown conditions 
such that Vcc is always greater than LVCC ‐0.7Vdc.   Failure 
to do this properly can cause catastrophic damage to the 
CHL8510/IR3537 driver. 
 
HIGH‐SIDE DRIVER 
The high‐side driver drives an external floating N‐channel 
MOSFET which can be switched at up to 1MHz. An external 
bootstrap circuit referenced to the SWITCH node, 
consisting of a boot diode and capacitor is used to bias the 
external MOSFET gate. When the SWITCH node  
is at ground, the boot capacitor is charged to the voltage 
on the HVCC pin less the forward drop of the diode. This 
stored charge is used to turn on the high‐side MOSFET 
when the PWM signal goes high. Once the high‐side 
MOSFET is turned on, the SWITCH voltage is raised to the 
supply voltage, and the BOOT voltage is equal to the 
I_out 105A to 10A
V_out without diode emulation
Overshoots ~25mV over 0A level
I_out 105A to 10A
V_out without diode emulation
Overshoots ~25mV over 0A level
V_out with Diode Emulation
Overshoot within 0A level
Results in reduction of 30mV overshoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com