Electronic Components Datasheet Search
  English  ▼

X  

IR3537 Datasheet(PDF) 7 Page - International Rectifier

Part # IR3537
Description  Input supply under voltage protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3537 Datasheet HTML 3Page - International Rectifier IR3537 Datasheet HTML 4Page - International Rectifier IR3537 Datasheet HTML 5Page - International Rectifier IR3537 Datasheet HTML 6Page - International Rectifier IR3537 Datasheet HTML 7Page - International Rectifier IR3537 Datasheet HTML 8Page - International Rectifier IR3537 Datasheet HTML 9Page - International Rectifier IR3537 Datasheet HTML 10Page - International Rectifier IR3537 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.irf.com | © 2014 International Rectifier
January  9, 2015   |  V1.2
7
IR3537 
CHL8510
12V High Performance Gate Driver 
High‐Side Gate Driver 
Transition Time, Rising, Note 1 
tR(HS) 
6nF Load, VVCC = 12V, 
10% ‐ 90%  
‐ 
21  
‐ 
ns  
Transition Time, Falling, Note 1 
tF(HS) 
6nF Load, VVCC = 12V, 
10% ‐ 90%  
‐ 
18 ‐ 
ns  
Transition Time, Rising, Note 1 
tR(HS) 
3nF Load, VVCC = 12V, 
10% ‐ 90%  
‐ 
15  
‐ 
ns  
Transition Time, Falling, Note 1 
tF(HS) 
3nF Load, VVCC = 12V, 
10% ‐ 90%  
‐ 
12 ‐ 
ns  
Propagation Delay, Turn‐On, Note 1 
tPDH(HS) 
6nF Load, VVCC = 12V, 
Adaptive  
‐ 
16  
‐ 
ns  
Propagation Delay, Turn‐Off, Note 1 
tPDL(LS) 
6nF Load, VVCC = 12V ‐ 
17  
‐ 
ns  
Propagation Delay , Exit Tri‐State, 
Note 1 
tPDTS(HS_en) 
6nF Load, VVCC = 12V ‐ 
29 ‐ 
ns 
Propagation Delay, Enter Tri‐State, 
Note 1 
tPDTS(HS_dis) 
6nF Load, VVCC = 12V ‐ 
16 ‐ 
ns 
Source Current, Note 1 
IHS_SOURCE 
6nF Load, VVCC = 12V ‐ 
3.0   
‐ 
A  
Output Impedance, Sourcing 
RHS_SOURCE 
Sink Current at 
100mA  
‐ 
1.6  
‐ 
Ω  
Sink Current, Note 1 
IHS_SINK 
6nF Load, VVCC = 12V ‐ 
4.0  
‐ 
A  
Output Impedance, Sinking 
RHS_SINK 
 Sink Current at 
100mA 
‐ 
0.6 ‐ 
Ω  
Low‐Side Gate Driver 
Transition Time, Rising, Note 1 
tF(LS) 
6nF Load, VVCC = 12V, 
10% ‐ 90%   
‐ 
18 ‐ 
ns  
Transition Time, Falling, Note 1 
tR(LS) 
6nF Load, VVCC = 12V, 
10% ‐ 90%  
‐ 
13 ‐ 
ns  
Transition Time, Rising, Note 1 
tF(LS) 
3nF Load, VVCC = 12V, 
10% ‐ 90%  
‐ 
13 ‐ 
ns  
Transition Time, Falling, Note 1 
tR(LS) 
3nF Load, VVCC = 12V, 
10% ‐ 90%  
‐ 
9 ‐ 
ns  
Propagation Delay, Turn‐On, Note 1 
tPDH(LS) 
6nF Load, VVCC = 12V, 
Adaptive  
‐ 
17 ‐ 
ns  
Propagation Delay, Turn‐Off, Note 1 
tPDL(LS) 
6nF Load, VVCC = 12V ‐ 
13  
‐ 
ns  
Propagation Delay, Exit Tri‐State, 
Note 1 
tPDTS(LS_en) 
6nF Load, VVCC = 12V ‐ 
26 ‐ 
ns 
Propagation Delay, Enter Tri‐State, 
Note 1 
tPDTS(LS_dis) 
6nF Load, VVCC = 12V ‐ 
14 ‐ 
ns 
Source Current, Note 1 
ILS_SOURCE 
6nF Load, VVCC = 12V ‐ 
4.0  
‐ 
A  
Output Impedance, Sourcing 
RLS_SOURCE 
Sink Current at 
100mA  
‐ 
1.5  
‐ 
Ω  
Sink Current, Note 1  
ILS_SINK 
6nF Load, VVCC = 12V ‐ 
6  
‐ 
A  
Output Impedance, Sinking 
RLS_SINK 
 Sink Current at 
100mA 
‐ 
0.4 ‐ 
Ω  
Note 1: Guaranteed by design but not tested in production. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com