Electronic Components Datasheet Search
  English  ▼

X  

IR3537 Datasheet(PDF) 12 Page - International Rectifier

Part # IR3537
Description  Input supply under voltage protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3537 Datasheet HTML 7Page - International Rectifier IR3537 Datasheet HTML 8Page - International Rectifier IR3537 Datasheet HTML 9Page - International Rectifier IR3537 Datasheet HTML 10Page - International Rectifier IR3537 Datasheet HTML 11Page - International Rectifier IR3537 Datasheet HTML 12Page - International Rectifier IR3537 Datasheet HTML 13Page - International Rectifier IR3537 Datasheet HTML 14Page - International Rectifier IR3537 Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
www.irf.com | © 2014 International Rectifier
January  9, 2015   |  V1.2
12
IR3537 
CHL8510
12V High Performance Gate Driver 
APPLICATION INFORMATION 
 
Figure 1 shows the typical applications circuit for the 
IR3537/CHL8510. 
BOOTSTRAP CIRCUIT 
Once the high‐side MOSFET selection is made, the 
bootstrap circuit can be defined. The integrated boot diode 
of the IR3537/CHL8510 reduces the external component 
count in cost and space sensitive designs. For ultra high 
efficiency designs, an external bootstrap diode is 
recommended.  
The bootstrap capacitor CBOOT stores the charge and 
provides the voltage required to drive the external high‐
side MOSFET gate. The minimum capacitor value can be 
defined by: 
CBOOT = QHS_MOSFET_GATE / ∆VBOOT 
 
Where, 
 Q
HS_MOSFET_GATE is the total gate charge of the  
high‐side external MOSFET(s) 
 ∆V
BOOT is the droop allowed on the bootstrap 
capacitor voltage (at the high‐side MOSFET gate) 
If an external bootstrap diode is used, DBOOT must be 
capable of handling the average and peak currents, ID_AVG 
and ID_PEAK, and also the maximum supply voltage. 
ID_AVG = QHS_MOSFET_GATE  x FSW_MAX 
 
Where,   
 F
SW_MAX  is the controller’s maximum switching 
frequency. The ID_PEAK rating of the diode is 
determined by actual circuit measurements. 
The ID_peak rating of the diode is determined by actual 
circuit measurements.
A series resistor (RBOOT) of 1Ω to 4Ω, is added to limit  
the surge current into the boot capacitor on start‐up.  
This resistor can also be used to set the rising slew rate of 
the high‐side MOSFET gate drive (HI_GATE) to help slow 
the rise time of the switch node for reduced ringing. 
SUPPLY DECOUPLING CAPACITOR 
Decoupling to the IR3537/CHL8510 is provided by a bypass 
capacitor CVCC located close to the supply input pin. A 1µF, 
low ESR, multilayer ceramic capacitor is recommended.  
A series resistor Rvcc, typically 10Ω, is added in series  
with the supply voltage to filter high frequency ringing  
and noise. 
PCB LAYOUT CONSIDERATIONS 
PCB layout and design is important to driver performance 
in voltage regulator circuits due to the high current slew 
rate (di/dt) during MOSFET switching. 
 Locate all power components in each phase as 
close to each other as practically possible in order 
to minimize parasitics and losses, allowing for 
reasonable airflow. 
 Input supply decoupling and bootstrap capacitors 
should be physically close to their respective IC 
pins. 
 High current paths like the gate driver traces 
should be as wide and short as practically possible. 
 Trace inductances to the high‐ and low‐side 
MOSFETs should be minimized. 
 The ground connection of the IC should be as close 
as possible to the low‐side MOSFET source. 
 Use of a copper plane under and around the IC and 
thermal vias connected to buried copper layers 
improves the thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com