Electronic Components Datasheet Search
  English  ▼

X  

IR3537 Datasheet(PDF) 9 Page - International Rectifier

Part # IR3537
Description  Input supply under voltage protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3537 Datasheet HTML 5Page - International Rectifier IR3537 Datasheet HTML 6Page - International Rectifier IR3537 Datasheet HTML 7Page - International Rectifier IR3537 Datasheet HTML 8Page - International Rectifier IR3537 Datasheet HTML 9Page - International Rectifier IR3537 Datasheet HTML 10Page - International Rectifier IR3537 Datasheet HTML 11Page - International Rectifier IR3537 Datasheet HTML 12Page - International Rectifier IR3537 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.irf.com | © 2014 International Rectifier
January  9, 2015   |  V1.2
9
IR3537 
CHL8510
12V High Performance Gate Driver 
GENERAL DESCRIPTION 
 
The IR3537/CHL8510 is a high efficiency, fast MOSFET 
driver with large source and sink current capability. It can 
reliably drive the external high‐ and low‐side N‐channel 
MOSFETs with large input capacitance at switching 
frequencies up to 1MHz. The proprietary IR Active Tri‐Level 
(ATL) feature allows complete control over enable and 
disable of both MOSFETs using the PWM input signal from 
the controller. The driver is also compatible with a generic 
tri‐state PWM signal. The Active Tri‐Level or tri‐state is 
selectable by the MODE pin. 
During normal operation the PWM transitions between 
low and high voltage levels to drive the low‐ and high‐side 
MOSFETs. The PWM signal falling edge transition to a low 
voltage threshold initiates the high‐side driver turn off 
after a short propagation delay, tPDL(HS). The dead time 
control circuit monitors the HI_GATE and switch voltages 
to ensure the high‐side MOSFET is turned off before the 
LO_GATE voltage is allowed to rise to turn on the low‐side 
MOSFET.  
The PWM rising edge transition through the high‐side turn‐
on threshold initiates the turn off of the low‐side MOSFET 
after a small propagation delay, tPDL(LS).  The adaptive dead 
time circuit provides the appropriate dead time by 
determining if the falling LO_GATE voltage threshold has 
been crossed before allowing the HI_GATE voltage to rise 
and turn on the high‐side MOSFET, tPDH(HS). 
THEORY OF OPERATION 
POWER‐ON RESET (POR) 
The IR3537/CHL8510 incorporates a power‐on reset 
feature. This ensures that both the high‐ and low‐side 
output drivers are made active only after the device supply 
voltage has exceeded a certain minimum operating 
threshold. The Vcc supply is monitored and both the 
drivers are set to the low state, holding both external 
MOSFETs off. Once Vcc crosses the rising POR threshold, 
the IR3537/CHL8510 is reset and the outputs are held in 
the low state until a transition from tri‐state to active 
operation is detected at the PWM input. During normal 
operation the drivers continue to remain active until the 
Vcc falls below the falling POR threshold.  
These POR voltage threshold levels allow seamless 
functionality with International Rectifier’s digital 
controllers, such that the drivers are always active before 
the controller starts to provide the PWM signal and are 
inactive only after the controller shuts down. 
INTEGRATED BOOTSTRAP DIODE  
The IR3537/CHL8510 features an integrated bootstrap 
diode to reduce external component count. This enables 
the IR3537/CHL8510 to be used effectively in cost and 
space sensitive designs. 
The bootstrap circuit is used to establish the gate voltage 
for the high‐side driver. It consists of a diode and capacitor 
connected between the SWITCH and BOOT pins of the 
device. Integrating the diode within the IR3537/CHL8510, 
results in the need for an external boot capacitor only.  
The bootstrap capacitor is charged through the diode and 
injects this charge into the high‐side MOSFET input 
capacitance when PWM signal goes high. 
PWM MODE SELECTION 
The IR3537/CHL8510 features a MODE pin which  
allows operation with different PWM signal levels.  
The IR3537/CHL8510 is capable of driving external 
MOSFETs based on one of two different tri‐level PWM 
input signals from a controller.  
Floating the MODE pin enables the IR3537/CHL8510 to 
switch external FETs based on the IR Active Tri‐Level mode. 
In ATL mode, the PWM voltage level is from 0V to 1.8V for 
low to high transitions. A PWM voltage level greater than 
the tri‐state HI_GATE threshold disables switching of both 
MOSFETs. Grounding the MODE pin enables the 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com