Electronic Components Datasheet Search
  English  ▼

X  

IR3537 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3537
Description  Input supply under voltage protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537 Datasheet(HTML) 1 Page - International Rectifier

  IR3537 Datasheet HTML 1Page - International Rectifier IR3537 Datasheet HTML 2Page - International Rectifier IR3537 Datasheet HTML 3Page - International Rectifier IR3537 Datasheet HTML 4Page - International Rectifier IR3537 Datasheet HTML 5Page - International Rectifier IR3537 Datasheet HTML 6Page - International Rectifier IR3537 Datasheet HTML 7Page - International Rectifier IR3537 Datasheet HTML 8Page - International Rectifier IR3537 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.irf.com | © 2014 International Rectifier
January  9, 2015   |  V1.2
1
IR3537 
CHL8510
12V High Performance Gate Driver 
FEATURES 
 Drives both high‐side and low‐side MOSFETs in a 
synchronous buck configuration 
 Large drivers designed to drive 6nF server class FETs 
o
Low‐side driver – 4A source / 6A sink  
o
High‐side driver – 3A source / 4A sink  
o
Transition times & propagation delays < 20ns 
 Independent variable gate drive voltage for both 
high‐ and low‐side drivers  from 4.5V to 13.2V 
o
Improves efficiency 
o
Compatible with IR controller VGD feature  
 Integrated bootstrap diode 
o
Reduces external component count  
 Capable of high switching frequencies from 200kHz 
up to 1MHz 
 Configurable PWM modes of operation 
o
IR Active Tri‐Level (ATL), disables both MOSFETs 
in 30ns with no hold‐off time 
o
Generic Tri‐State PWM with hold‐off 
 Adaptive non‐overlap protection minimizes diode 
conduction time 
 Input supply under voltage protection 
 Thermally enhanced 10‐pin DFN package 
 Lead free RoHS compliant package, MSL level 1 
APPLICATIONS 
 Multiphase synchronous buck converter for  
Server and desktop computers using Intel® and 
AMD® VR solutions 
 High efficiency and compact VRM 
 High current DC/DC converters 
BASIC APPLICATION 
 
Figure 1: Basic Applications Circuit 
DESCRIPTION 
The IR3537/CHL8510 is a high efficiency gate driver which 
can switch both high‐side and low‐side N‐channel external 
MOSFETs in a synchronous buck converter. It is intended 
for use with International Rectifier’s Digital PWM 
controllers to provide a total voltage regulator (VR) 
solution for today’s advanced computing applications.  
The IR3537/CHL8510 low‐side driver is capable of rapidly 
switching large MOSFETs with low RDS(on) and large input 
capacitance used in high efficiency designs.   
The IR3537/CHL8510 features individual control of  
both the high‐and low‐side gate drive voltages from  
4.5V to 13.2V. This enables the optimization of switching 
and conduction losses in the external MOSFETs. When 
used with IR’s proprietary Variable Gate Drive (VGD) 
technology, a significant improvement in efficiency is 
observed across the entire load range. 
The IR3537/CHL8510 can be configured to drive both the 
high‐ and low‐side switches from the unique IR fast Active 
Tri‐Level (ATL) PWM signal or a generic tri‐state PWM 
mode. The IR ATL mode allows the controller to disable 
the high‐ and low‐side FETs in less than 30ns without the 
need for a dedicated disable pin. This improves VR 
transient performance, especially during load release.  
The integrated bootstrap diode reduces external 
component count. The IR3537/CHL8510 also features  
an adaptive non‐overlap control for shoot‐through 
protection. This prevents cross conduction of both high‐
side and low‐side MOSFETs and minimizes body diode 
conduction time to provide the best in class efficiency. 
PIN DIAGRAM 
 
Figure 2: IR3537/CHL8510 Package Top View  


Similar Part No. - IR3537

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3537 IRF-IR3537 Datasheet
689Kb / 15P
12V High Performance Gate Driver
IR3537MTR IRF-IR3537MTR Datasheet
689Kb / 15P
12V High Performance Gate Driver
IR3537MTR1PBF IRF-IR3537MTR1PBF Datasheet
689Kb / 15P
12V High Performance Gate Driver
IR3537MTRPBF IRF-IR3537MTRPBF Datasheet
689Kb / 15P
12V High Performance Gate Driver
More results

Similar Description - IR3537

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR45D-65 ARCH-BR45D-65 Datasheet
420Kb / 4P
Input under Voltage Protection
BR130 ARCH-BR130 Datasheet
475Kb / 5P
Input under Voltage Protection
BR360 ARCH-BR360 Datasheet
339Kb / 3P
Input under Voltage Protection
POL10.16 ARCH-POL10.16 Datasheet
365Kb / 3P
Input under Voltage Protection
BR100 ARCH-BR100 Datasheet
269Kb / 3P
Input under Voltage Protection
BR130 ARCH-BR130_16 Datasheet
475Kb / 5P
Input under Voltage Protection
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
Input under Voltage Protection
BR400 ARCH-BR400_16 Datasheet
293Kb / 3P
Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
Input under Voltage Protection
logo
Bel Fuse Inc.
0RQ1-S0M11L BEL-0RQ1-S0M11L Datasheet
720Kb / 21P
Input Under-Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com