Electronic Components Datasheet Search
  English  ▼

X  

IR3537 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3537
Description  Input supply under voltage protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3537 Datasheet HTML 2Page - International Rectifier IR3537 Datasheet HTML 3Page - International Rectifier IR3537 Datasheet HTML 4Page - International Rectifier IR3537 Datasheet HTML 5Page - International Rectifier IR3537 Datasheet HTML 6Page - International Rectifier IR3537 Datasheet HTML 7Page - International Rectifier IR3537 Datasheet HTML 8Page - International Rectifier IR3537 Datasheet HTML 9Page - International Rectifier IR3537 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.irf.com | © 2014 International Rectifier
January  9, 2015   |  V1.2
6
IR3537 
CHL8510
12V High Performance Gate Driver 
ELECTRICAL  SPECIFICATIONS 
 
The electrical characteristics involve the spread of values guaranteed within the recommended operating conditions. 
Typical values represent the median values, which are related to 25°C. 
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN 
Recommended Operating Ambient Temperature 
0°C to 85°C 
Recommended Operating Junction Temperature 
125°C 
Recommended Supply Voltage Range 
+12V ± 10% 
Recommended LVCC & HVCC Range 
(note LVCC must be ≤Vcc +0.7Vdc) 
+4.5V to 13.2V 
 
ELECTRICAL CHARACTERISTICS 
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Supply 
Supply Bias Current 
IVCC 
fPWM = 300kHz,  
VVCC = 12V, no load 
‐ 
7.0 ‐ 
mA 
Quiescent Bias Current 
IDD  
‐ 
5.0 ‐ 
mA 
VCC Rising Threshold for POR  
 
‐ 
8.6 ‐ 
V 
VCC Falling Threshold for POR  
 
‐ 
7.1 ‐ 
V 
PWM Input Active Tri‐Level Mode (See Figure 5)  
PWM Input High Threshold  
VIH(C_PWM) 
VCC = 12V  
‐ 
1.0 ‐ 
V  
PWM Input Low Threshold  
VIL(C_PWM) 
VCC = 12V  
‐ 
0.8 ‐ 
V  
PWM Tri‐Level Hi Threshold 
VTL(C_PWM) 
VCC = 12V  
‐ 
2.65 ‐ 
V 
PWM Tri‐Level Low Threshold 
VTH(C_PWM) 
VCC = 12V  
‐ 
2.55 ‐ 
V 
PWM Input Current Low 
IC_PWM 
Vpwm = 0V ‐ 
‐0.88 ‐ 
mA  
PWM Input Current High  
Vpwm = 3.3V ‐ 
‐10 ‐ 
µA 
PWM Input Tri‐State Mode (See Figure 6)  
PWM Input Rising Threshold  
VIH(C_PWM) 
VCC = 12V  
‐ 
1.65 ‐ 
V  
PWM Input Falling Threshold 
VIL(C_PWM) 
VCC = 12V  
‐ 
1.3 ‐ 
V  
Tri‐State LO_GATE Threshold  
 
‐ 
0.85 ‐ 
V  
Tri‐State LO_GATE Hysteresis  
 
‐ 
200 ‐ 
mV  
Tri‐State HI_GATE Threshold  
 
‐ 
2.55 ‐ 
V 
Tri‐State HI_GATE Hysteresis  
 
‐ 
200 ‐ 
mV 
Tri‐State Hold‐off Time, Note 1  
 
‐ 
80 ‐ 
ns 
PWM Input Pull‐up Voltage 
VPWM_pullup 
PWM input floating ‐ 
1.65 ‐ 
V 
PWM Input Resistance 
RPWM 
PWM input floating ‐ 
3.75 ‐ 
kΩ 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com