Electronic Components Datasheet Search
  English  ▼

X  

IR3537 Datasheet(PDF) 5 Page - International Rectifier

Part # IR3537
Description  Input supply under voltage protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537 Datasheet(HTML) 5 Page - International Rectifier

  IR3537 Datasheet HTML 1Page - International Rectifier IR3537 Datasheet HTML 2Page - International Rectifier IR3537 Datasheet HTML 3Page - International Rectifier IR3537 Datasheet HTML 4Page - International Rectifier IR3537 Datasheet HTML 5Page - International Rectifier IR3537 Datasheet HTML 6Page - International Rectifier IR3537 Datasheet HTML 7Page - International Rectifier IR3537 Datasheet HTML 8Page - International Rectifier IR3537 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.irf.com | © 2014 International Rectifier
January  9, 2015   |  V1.2
5
IR3537 
CHL8510
12V High Performance Gate Driver 
ABSOLUTE MAXIMUM RATINGS 
BOOT 
+35.0V reference to GND, 
+15V reference to SWITCH 
PWM 
+7.0V 
VCC, HVCC 
+15.0V  
LVCC 
VCC+0.7Vdc to a maximum of +15.0V 
LO_GATE 
DC: ‐0.3V to <0.3V above Vcc, 
<200ns: ‐2V to <0.3V above Vcc 
GND 
0V+/‐ 0V 
SWITCH 
DC: ‐0.3V to +15V, <20nS: 25V, <5nS: ‐10V,  
<20 ns: ‐4Vdc and <200 ns: ‐2Vdc 
HI_GATE 
DC: SWITCH – 0.3V to 0.3V above VBOOT, 
<200ns: SWITCH – 2V to 0.3V above VBOOT 
MODE 
‐0.3V to +15.0V 
ESD – Charged Device Model JESD22‐C101‐C 
Passes +/‐1000V 
THERMAL INFORMATION 
Thermal Resistance (θJC) 
3°C/W 
Thermal Resistance (θJA)
1 
45°C/W 
Maximum Operating Junction Temperature 
150°C 
Maximum Storage Temperature Range ‐65°C to 150°C 
Maximum Lead Temperature (Soldering 10s) 
300°C 
 
Note 1: θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. 
 
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings 
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the 
specifications are not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com