Electronic Components Datasheet Search
  English  ▼

X  

MAX2821 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2821 Datasheet HTML 7Page - Maxim Integrated Products MAX2821 Datasheet HTML 8Page - Maxim Integrated Products MAX2821 Datasheet HTML 9Page - Maxim Integrated Products MAX2821 Datasheet HTML 10Page - Maxim Integrated Products MAX2821 Datasheet HTML 11Page - Maxim Integrated Products MAX2821 Datasheet HTML 12Page - Maxim Integrated Products MAX2821 Datasheet HTML 13Page - Maxim Integrated Products MAX2821 Datasheet HTML 14Page - Maxim Integrated Products MAX2821 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
______________________________________________________________________________________
11
Pin Configuration/Functional Diagram
VCC_DRVR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VCC_LNA
VREF
(MAX2821 ONLY)
RF_GAIN
RX_RFN
RX_RFP
VCC_REF
RBIAS
TX_RFP
TX_RFN
PA_BIAS
TX_GC
SHDNB
VCC_RXF
VCC_LO
VCC_VCO
BYP
TUNE
GND_VCO
GND_CP
CP_OUT
VCC_CP
CSB
SCLK
MAX2820/
MAX2821
PROGRAMMING AND
MODE CONTROL
RX LEVEL
DETECTOR
90
0
90
0
∑
INTEGER-N
SYNTHESIZER
SERIAL
INTERFACE
VOS COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com