Electronic Components Datasheet Search
  English  ▼

X  

MAX2821 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX2821 Datasheet HTML 14Page - Maxim Integrated Products MAX2821 Datasheet HTML 15Page - Maxim Integrated Products MAX2821 Datasheet HTML 16Page - Maxim Integrated Products MAX2821 Datasheet HTML 17Page - Maxim Integrated Products MAX2821 Datasheet HTML 18Page - Maxim Integrated Products MAX2821 Datasheet HTML 19Page - Maxim Integrated Products MAX2821 Datasheet HTML 20Page - Maxim Integrated Products MAX2821 Datasheet HTML 21Page - Maxim Integrated Products MAX2821 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
18
______________________________________________________________________________________
Applications Information
Receive Path
LNA
The MAX2820/MAX2821 RX_RF inputs are high-
impedance RF differential inputs AC-coupled on-chip
to the LNA. The LNA inputs require external impedance
matching and differential to single-ended conversion.
The balanced to single-ended conversion and interface
to 50
Ω is achieved through the use of an off-chip 2:1
balun transformer, such as the small surface-mount
baluns offered by Murata and Toko. In the case of the
2:1 balun, the RX RF input must be impedance-
matched to a differential/balanced impedance of 100
Ω.
A simple LC network is sufficient to impedance-match
the LNA to the balun. The Typical Application Circuit
shows the balun, inductors, and capacitors that consti-
tute the matching network. Refer to the MAX2820/
MAX2821 EV kit schematic for component values of the
matching network.
The line lengths and parasitics have a noticeable impact
on the matching element values in the board-level circuit.
Some empirical adjustment of LC component values is
likely. Balanced line layout on the differential input traces
is essential to maintaining good IP2 performance and RF
common-mode noise rejection.
The MAX2820/MAX2821 have two LNA gain modes that
are digitally controlled by the logic signal applied to
RF_GAIN. RF_GAIN high enables the high-gain mode,
and RF_GAIN low enables the low-gain mode. The LNA
gain step is nominally 30dB. In most applications,
RF_GAIN is connected directly to a CMOS output of the
baseband IC, and the baseband IC controls the state of
the LNA gain based on the detected signal amplitude.
Receiver Baseband Lowpass Filtering
The MAX2820/MAX2821 on-chip receive lowpass filters
provide the steep filtering necessary to attenuate the
out-of-band (> 11MHz) interfering signals to sufficiently
low levels to preserve receiver sensitivity. The filter fre-
quency response is precisely controlled on-chip and
does not require user adjustment. However, a provision
is made to permit the -3dB corner frequency and entire
response to be slightly shifted up or down in frequency.
This is intended to offer some flexibility in trading off
adjacent channel rejection vs. passband distortion. The
filter -3dB frequency is programmed through the serial
interface. The specific bit setting vs. -3dB frequency is
shown in Table 7. The typical receive baseband filter
gain vs. frequency profile is shown in the Typical
Operating Characteristics.
ADDRESS
DATA BIT
CONTENT
DEFAULT
DESCRIPTION
D11:D8
X
0000
Reserved
D7
PD
0
Phase-Detector Polarity Select
• 0 = No phase inversion
• 1 = Not permitted
D6
ICP
1
Charge-Pump Current Select
• 0 = ±1mA charge-pump current
• 1 = ±2mA charge-pump current
0 0 1 0
D5:D0
R(5:0)
000000
Reference Frequency Divider
• 000000 = 22MHz
• 000001 = 44MHz
Table 5. Synthesizer Register (SYNTH)
ADDRESS
DATA BIT
CONTENT
DEFAULT
DESCRIPTION
D11:D7
X
00000
Reserved
0 0 1 1
D6:D0
CF(6:0)
0100101
Channel Frequency Select: fLO = (2400 + CF(6:0))MHz
• 0000000 = 2400MHz
• 0000001 = 2401MHz
• …………
• 1100010 = 2498MHz
• 1100011 = 2499MHz
Table 6. Channel Frequency Block Register (CHANNEL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com