Electronic Components Datasheet Search
  English  ▼

X  

MAX2821 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX2821 Datasheet HTML 11Page - Maxim Integrated Products MAX2821 Datasheet HTML 12Page - Maxim Integrated Products MAX2821 Datasheet HTML 13Page - Maxim Integrated Products MAX2821 Datasheet HTML 14Page - Maxim Integrated Products MAX2821 Datasheet HTML 15Page - Maxim Integrated Products MAX2821 Datasheet HTML 16Page - Maxim Integrated Products MAX2821 Datasheet HTML 17Page - Maxim Integrated Products MAX2821 Datasheet HTML 18Page - Maxim Integrated Products MAX2821 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
______________________________________________________________________________________
15
Operating Modes
The MAX2820/MAX2821 have four primary modes of
operation: shutdown, standby, receive active, and
transmit active. The modes are controlled by the digital
inputs SHDNB, TX_ON, and RX_ON. Table 1 shows the
operating mode vs. the digital mode control input.
Shutdown Mode
Shutdown mode is achieved by driving SHDNB low. In
shutdown mode, all circuit blocks are powered down,
except for the serial interface circuitry. While the device
is in shutdown, the serial interface registers can still be
loaded by applying VCC to the digital supply voltage
(VCC_DIG). All previously programmed register values
are preserved during the shutdown mode, as long as
VCC_DIG is applied.
Standby Mode
Standby mode is achieved by driving SHDNB high,
RX_ON, and TX_ON low. In standby mode, the PLL,
VCO, LO generator, LO buffer, LO quadrature, and fil-
ter autotuner are powered on by default. The standby
mode is intended to provide time for the slower-settling
circuitry (PLL and autotuner) to turn on and settle to the
correct frequency before making RX or TX active. The
3-wire serial interface is active and can load register
values at any time. Refer to serial interface specification
for details.
Receive Mode
Receive mode is enabled by driving the digital inputs
SHDNB high, RX_ON high, and TX_ON low. In receive
mode, all receive circuit blocks are powered on and all
VCO, PLL, and autotuner circuits are powered on. None of
the transmit path blocks are active in this mode. Although
the receiver blocks turn on quickly, the DC offset nulling
requires ~10µs to settle. The receiver signal path is ready
~10µs after a low-to-high transition on RX_ON.
Transmit Mode
Transmit mode is achieved by driving the digital inputs
SHDNB high, RX_ON low, and TX_ON high. In transmit
mode, all transmit circuit blocks are powered on and all
VCO, PLL, and autotuner circuits are powered on.
None of the receive path blocks is active in this mode.
Although the transmitter blocks turn on quickly, the
baseband DC offset calibration requires ~2.2µs to
complete. In addition, the TX driver amplifier is ramped
from the low-gain state (minimum RF output) to high-
gain state (peak RF output) over the next 1µs to 2µs.
The transmit signal path is ready ~4µs after a low-to-
high transition on TX_ON.
MODE CONTROL INPUTS
CIRCUIT BLOCK STATES
OPERATING MODE
SHDNB
TX_ON
RX_ON
RX_PATH
TX_PATH
PLL/VCO/LO GEN.
Shutdown
0
X
X
OFF
OFF
OFF
Standby
1
0
0
OFF
OFF
ON
Receive
1
0
1
ON
OFF
ON
Transmit
1
1
0
OFF
ON
ON
Table 1. Operating Mode Truth Table
CSB
SCLK
tCSS
DIN
DOUT
tCSO
tCSW
tCSH
tCL
tCS1
tTR
BIT 16
BIT 15
BIT 16
BIT 15
BIT 14
BIT 8
BIT 7
BIT 6
BIT 2
BIT 1
BIT 14
BIT 8
BIT 7
BIT 6
BIT 2
BIT 1
tCH
tDH
tDO
tDV
tDS
Figure 1. MAX2820/MAX2821 Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com