Electronic Components Datasheet Search
  English  ▼

X  

MAX2821 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX2821 Datasheet HTML 10Page - Maxim Integrated Products MAX2821 Datasheet HTML 11Page - Maxim Integrated Products MAX2821 Datasheet HTML 12Page - Maxim Integrated Products MAX2821 Datasheet HTML 13Page - Maxim Integrated Products MAX2821 Datasheet HTML 14Page - Maxim Integrated Products MAX2821 Datasheet HTML 15Page - Maxim Integrated Products MAX2821 Datasheet HTML 16Page - Maxim Integrated Products MAX2821 Datasheet HTML 17Page - Maxim Integrated Products MAX2821 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
14
______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
DESCRIPTION
39
RX_BBQP
Receive Positive Quadrature Baseband Output. Analog low-impedance differential buffer output.
Connect output directly to baseband ADC input. Internally biased to 1.2V common-mode voltage and
can drive loads up to 5k
Ω || 5pF.
40
RX_BBQN
Receive Negative Quadrature Baseband Output. Analog low-impedance differential buffer output.
Connect output directly to baseband ADC input. Internally biased to 1.2V common-mode voltage and
can drive loads up to 5k
Ω || 5pF.
41
RX_BBIN
Receive Negative In-Phase Baseband Output. Analog low-impedance differential buffer output.
Connect output directly to baseband ADC input. Internally biased to 1.2V common-mode voltage and
can drive loads up to 5k
Ω || 5pF.
42
RX_BBIP
Receive Positive In-Phase Baseband Output. Analog low-impedance differential buffer output.
Connect output directly to baseband ADC input. Internally biased to 1.2V and can drive loads up to
5k
Ω || 5pF.
43
RX_DET
Receive Level Detection Output. Digital CMOS output. Connect output directly to baseband IC input.
Used to indicate RF input level. Logic high for input levels above -49dBm (typ). Logic low for levels
below -54dBm (typ).
44
VCC_BUF
Supply Voltage for Receiver Baseband Buffer. Bypass with capacitor as close to the pin as possible.
Do not share the bypass capacitor ground vias with other branches.
45
RX_ON
Receiver-On Control Input. Digital CMOS input. Connect to baseband IC mode control CMOS output.
46
VCC_RMX
Supply Voltage for Receiver Downconverter. Bypass with capacitor as close to the pin as possible.
Do not share the bypass capacitor ground vias with other branches.
47
TX_ON
Transmitter-On Control Input. Digital CMOS input. Connect directly to baseband IC mode control
CMOS output.
48
RX_AGC
Receive AGC Control. Analog high-impedance input. Connect directly to baseband IC DAC voltage
output. See the Typical Operating Characteristics for Gain vs. VRX_AGC.
Exposed
Paddle
GND
DC and AC Ground Return for IC. Connect to PC board ground plane using multiple vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com