Electronic Components Datasheet Search
  English  ▼

X  

MAX2821 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX2821 Datasheet HTML 8Page - Maxim Integrated Products MAX2821 Datasheet HTML 9Page - Maxim Integrated Products MAX2821 Datasheet HTML 10Page - Maxim Integrated Products MAX2821 Datasheet HTML 11Page - Maxim Integrated Products MAX2821 Datasheet HTML 12Page - Maxim Integrated Products MAX2821 Datasheet HTML 13Page - Maxim Integrated Products MAX2821 Datasheet HTML 14Page - Maxim Integrated Products MAX2821 Datasheet HTML 15Page - Maxim Integrated Products MAX2821 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
12
______________________________________________________________________________________
Pin Description
PIN
NAME
DESCRIPTION
1
VCC_LNA
Supply Voltage for LNA. Bypass with a capacitor as close to the pin as possible. Do not share the
bypass capacitor ground vias with other branches.
N.C.
No Connection. Not internally connected. (MAX2820 only)
2
VREF
Voltage Reference Output. (MAX2821 only)
3
RF_GAIN
LNA Gain Select Logic Input. Logic high for LNA high-gain mode, logic low for LNA low-gain mode.
4
RX_RFN
Receiver LNA Negative Input. On-chip AC-coupling. Requires off-chip impedance match and
connection to 2:1 balun.
5
RX_RFP
Receiver LNA Positive Input. On-chip AC-coupling. Requires off-chip impedance match and
connection to 2:1 balun.
6
VCC_REF
Supply Voltage for Bias Circuitry and Autotuner. Bypass with a capacitor as close to the pin as
possible. Do not share the bypass capacitor ground vias with other branches.
7
RBIAS
Precision Bias Resistor Pin. Connect a 12k
Ω precision resistor (≤ 2%) to GND.
8
TX_RFP
Transmit Driver Amplifier Positive Output. On-chip pullup choke to VCC. Requires off-chip impedance
match and connection to 4:1 balun.
9
TX_RFN
Transmit Driver Amplifier Negative Output. On-chip pullup choke to VCC. Requires off-chip
impedance match and connection to 4:1 balun.
10
PA_BIAS
Power-Amplifier Bias-Current Control Signal. Analog output. High-impedance, open-drain current
source. Connect directly to bias-current control input on external PA.
11
VCC_DRVR
Supply Voltage for Transmit Driver. Bypass with a capacitor as close to the pin as possible. Do not
share the bypass capacitor ground vias with other branches.
12
TX_GC
Transmit Gain-Control Input. Analog high-impedance input. Connect directly to baseband IC DAC
output. See the Typical Operating Characteristics for Transmitter Gain vs. Gain-Control Voltage.
13
VCC_TMX
Supply Voltage for Transmit Mixer and VGA. Bypass with a capacitor as close to the pin as possible.
Do not share the bypass capacitor ground vias with other branches.
14
TX_BBIN
Transmit Negative In-Phase Baseband Input. Analog high-impedance differential input. Connect
directly to baseband IC DAC voltage output. Requires a 1.2V common-mode voltage.
15
TX_BBIP
Transmit Positive In-Phase Baseband Input. Analog high-impedance differential input. Connect
directly to baseband IC DAC voltage output. Requires a 1.2V common-mode voltage.
16
TX_BBQP
Transmit Positive Quadrature Baseband Input. Analog high-impedance differential input. Connect
directly to baseband IC DAC voltage output. Requires a 1.2V common-mode voltage.
17
TX_BBQN
Transmit Negative Quadrature Baseband Input. Analog high-impedance differential input. Connect
directly to baseband IC DAC voltage output. Requires a 1.2V common-mode voltage.
18
VCC_TXF
Supply Voltage for Transmit Baseband Filter. Bypass with capacitor as close to the pin as possible.
Do not share the bypass capacitor ground vias with other branches.
19
GND_DIG
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com