Electronic Components Datasheet Search
  English  ▼

X  

MAX2821 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX2821 Datasheet HTML 15Page - Maxim Integrated Products MAX2821 Datasheet HTML 16Page - Maxim Integrated Products MAX2821 Datasheet HTML 17Page - Maxim Integrated Products MAX2821 Datasheet HTML 18Page - Maxim Integrated Products MAX2821 Datasheet HTML 19Page - Maxim Integrated Products MAX2821 Datasheet HTML 20Page - Maxim Integrated Products MAX2821 Datasheet HTML 21Page - Maxim Integrated Products MAX2821 Datasheet HTML 22Page - Maxim Integrated Products MAX2821 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
______________________________________________________________________________________
19
Receive Gain Control and DC Offset Nulling
The MAX2820/MAX2821 receive path gain is varied
through an external voltage applied to the pin RX_AGC.
Maximum gain is at VRX_AGC = 0V and minimum gain is
at VRX_AGC = 2V. The RX_AGC input is a high-imped-
ance analog input designed for direct connection to the
RX_AGC DAC output of the baseband IC. The gain-
control range, which is continuously variable, is typical-
ly 70dB. The gain-control characteristic is shown in the
Typical Operating Characteristics section graph
Receiver Voltage Gain vs. Gain-Control Voltage.
Some local noise filtering through a simple RC network
at the input is permissible. However, the time constant
of this network should be kept sufficiently low in order
not to limit the desired response time of the RX gain-
control function.
Receiver Baseband Amplifier Outputs
The MAX2820/MAX2821 receiver baseband outputs
(RX_BBIP, RX_BBIN, RX_BBQP, and RX_BBQN) are
differential low-impedance buffer outputs. The outputs
are designed to be directly connected (DC-coupled) to
the in-phase (I) and quadrature-phase (Q) ADC inputs
of the baseband IC. The RX I/Q outputs are internally
biased to +1.2V common-mode voltage. The outputs
are capable of driving loads up to 5k
Ω || 5pF with the
full bandwidth baseband signals at a differential ampli-
tude of 500mVP-P.
Proper board layout is essential to maintain good bal-
ance between I/Q traces. This provides good quadra-
ture phase accuracy.
Receiver Power Detector
The MAX2820/MAX2821 receiver level detector is a
digital output from an internal threshold detector that is
used to determine when to change the LNA gain state.
In most applications, it is connected directly to a com-
parator input of the baseband IC. The threshold level
can be programmed through the MAX2820/MAX2821
control software.
ADDRESS
DATA BIT
CONTENT
DEFAULT
DESCRIPTION
D11:D9
2C(2:0)
111
VGA DC Offset Nulling Parameter 2
D8:D6
1C(2:0)
111
VGA DC Offset Nulling Parameter 1
D5:D4
DL(1:0)
01
RX Level Detector Midpoint Select
• 11 = 01 = 50.2mVP
• 10 = 70.9mVP
• 00 = 35.5mVP
D3
SF(0)
0
Special Function Select (not presently used)
• 0 = OFF
• 1 = ON
0 1 0 0
D2:D0
BW(2:0)
010
Receive Filter -3dB Frequency Select (frequencies are
approximate)
• 000 = 8.5MHz
• 001 = 8.0MHz
• 010 = 7.5MHz
• 011 = 7.0MHz
• 100 = 6.5MHz
• 101 = 6.0MHz
Table 7. Receive Settings Register (RECEIVE)
ADDRESS
DATA BIT
CONTENT
DEFAULT
DESCRIPTION
D11:D4
X
X
Reserved
0 1 0 1
D3:D0
PA(3:0)
0000
PA Bias Select:
• 1111 = Highest PA bias
• …………
• 0000 = Lowest PA bias
Table 8. Transmit Settings Register (TRANSMIT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com