Electronic Components Datasheet Search
  English  ▼

X  

IR36021 Datasheet(PDF) 19 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 19 Page - International Rectifier

Back Button IR36021 Datasheet HTML 15Page - International Rectifier IR36021 Datasheet HTML 16Page - International Rectifier IR36021 Datasheet HTML 17Page - International Rectifier IR36021 Datasheet HTML 18Page - International Rectifier IR36021 Datasheet HTML 19Page - International Rectifier IR36021 Datasheet HTML 20Page - International Rectifier IR36021 Datasheet HTML 21Page - International Rectifier IR36021 Datasheet HTML 22Page - International Rectifier IR36021 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
19
Boot Voltage 
The  IR36021  Vboot  voltage  is  fully  programmable  in  MTP  
to the range shown in Table 4.  
TABLE 4: VBOOT RANGE 
Loop 
Boot Voltage 
Loop 1 
0 to 1.52V in 5mV steps, 1
st step=250mV 
Loop 2 
0 to 1.52V in 5mV steps, 1
st step=250mV 
 
 
I2C Address 
A  resistor  connected  from  ADDR_PROT  pin  to  ground 
defines  the  IC2  address  when  Vcc  becomes  valid.  Note  
that a 0.01uF capacitor must be placed across the resistor 
 
Figure 16: ADDR_PROT Pin Components 
VID Offset  
The boot voltage (VBoot) can be offset according to Table 
5. This extends the range of the VBoot voltage a little and 
is useful when voltages a little above 1.52V or a little below 
250mV is required. The offset is stored in register #26Hex 
and can be stored in MTP memory (for more information, 
refer  to  the  Register‐Map  of  the  device).  This  offset  is 
effective  when  the  output  voltage  is  controlled  by  the 
manual_VID  registers  as  well.  However,  when  the  output 
voltage is controlled by margining commands this offset is 
not effective. 
Note the Vmax register (reg 3D) must be set appropriately 
to allow the required output voltage offset. 
 
PHASING 
The  number  of  phases  enabled  on  each  loop  of  the 
IR36021  is  shown  in  Table  6.  When  operated  in  2‐phase 
mode,  the  two  phases  of  loop1  are  180  degrees  out  of 
phase.  This  increases  the  effective  ripple  frequency  and 
reduces the required output and input filter capacitances. 
 
 
TABLE 5: VID OFFSET 
Parameter 
Memory 
Range 
Step Size 
Output 
Voltage 
R/W 
‐35mV to 
+40mV 
5mV 
 
TABLE 6: LOOP CONFIGURATION 
Configuration 
Loop1 
Loop2 
2+0 
2‐phases 
‐ 
1+0 
1‐phase ‐ 
2+1 
2‐phases 
1‐phase 
1+1 
1‐phase 
1‐phase 
 
UNUSED PHASES 
Based  upon  the  configuration  shown  in  Table  28  unused 
phases  are  disabled.  Note  that  when  loop1  operates  in 
single‐phase  mode,  PWM1b  is  disabled.  Disabled  PWM 
outputs should be left floating unless the ‘populated phase 
detection’ feature is used. If so, the unused PWM outputs 
should  be  grounded.  The  reason  is  that  IR36021  detects 
the number of populated phases at start‐up by comparing 
the  voltage  on  the  PWM  pin  against  the  phase  detection 
threshold.  It  is  easier  and  recommended  to  disable  the 
‘populated phase detection’ feature at startup. 
 
SWITCHING FREQUENCY 
The phase switching frequency (Fsw) of the IR36021 is set 
by  a  user  configurable  register  independently  for  each 
loop.  The  IR36021  provides  fine  granularity  as  shown  in 
Figure  17.  The  IR36021  oscillator  is  factory  trimmed  to 
guarantee accuracy. 
 
Figure 17: Switching Frequency Resolution 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com