Electronic Components Datasheet Search
  English  ▼

X  

IR36021 Datasheet(PDF) 26 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 26 Page - International Rectifier

Back Button IR36021 Datasheet HTML 22Page - International Rectifier IR36021 Datasheet HTML 23Page - International Rectifier IR36021 Datasheet HTML 24Page - International Rectifier IR36021 Datasheet HTML 25Page - International Rectifier IR36021 Datasheet HTML 26Page - International Rectifier IR36021 Datasheet HTML 27Page - International Rectifier IR36021 Datasheet HTML 28Page - International Rectifier IR36021 Datasheet HTML 29Page - International Rectifier IR36021 Datasheet HTML 30Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
26
 
Figure 29: loop1 going from 1Φ to 2Φ operation due to a heavy 
load transient which causes Vout drop, 1Φ operation is resumed 
with a delay after Vout1 recoveres. 
 
Figure 30: Wide View of Phase Shed/Add 
Current  limit  and  current  balancing  circuits  remain  active 
during  ATA  events  to  prevent  inductor  saturation  and 
maintain  even  distribution  of  current  across  the  active 
phases. 
As  mentioned  before,  loop  coefficients  are  automatically 
scaled to the number of active phases to insure stability at 
all load currents. 
The  add/drop  points  for  phase‐1b  can  be  set  in  2A 
increments  from  0  to  30A  with  a  fixed  4A  hysteresis. 
Setting the threshold to 0A will disable phase shedding. 
As  shown  in  Figure  31,  with  phase‐shedding  enabled, 
IR36021  provides  light  and  medium  load  efficiency 
improvements. To generate the graphs shown in Figure 31, 
the  inductor,  the  PCB  and  the  controller  loses  have  been 
taken into account in measurements. 
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
102030
40
5060
Io [A]
w ith phase-shedding
w ithout phase-shedding
Figure 31: Typical Efficiency with phase‐shedding for loop1, 
Vo1=1.2V, 600kHz/phase, 2 x IR3550 used as power‐stages 
DIODE EMULATION / DISCONTINUOUS MODE 
OPERATION  
Under  very  light  loads,  efficiency  can  become  dominated 
by  MOSFET  switching  losses.  In  PS2  mode,  the  IR36021 
operates  as  a  constant  on‐time  controller  where  the  user 
sets  the  desired  peak‐to‐peak  ripple  by  programming  
an  error  threshold  and  an  on‐time  duration  (Table  11).  
 
TABLE 11: PS2 MODE, CONSTANT ON‐TIME CONTROL, PARAMETERS 
MTP Register 
Function 
de_thresh 
Sets the error voltage at which an  
on‐time pulse is started in 2mV steps 
Pulse_width_de 
Sets the duration of the on‐time pulse in 
40ns steps. Note that this also sets the 
off‐time in 160ns steps 
Off‐time_adjust 
Reduces the calculated low‐side FET  
on‐time in 60ns steps. Useful for 
compensating for DrMOS or other 
drivers’ tri‐state delay for a better 
prediction of the zero‐crossing 
Le_th 
error threshold to go from PS1/PS2 
mode to full phase count. 4 mV 
resolution. If Vout drops by this amount, 
the control will be changed to full‐phase 
count and diode‐emulation is ended. 
Ni_thresh 
Total current threshold below which it is 
assumed that the inductor current has a 
negative component. 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com