Electronic Components Datasheet Search
  English  ▼

X  

IR36021 Datasheet(PDF) 31 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 31 Page - International Rectifier

Back Button IR36021 Datasheet HTML 27Page - International Rectifier IR36021 Datasheet HTML 28Page - International Rectifier IR36021 Datasheet HTML 29Page - International Rectifier IR36021 Datasheet HTML 30Page - International Rectifier IR36021 Datasheet HTML 31Page - International Rectifier IR36021 Datasheet HTML 32Page - International Rectifier IR36021 Datasheet HTML 33Page - International Rectifier IR36021 Datasheet HTML 34Page - International Rectifier IR36021 Datasheet HTML 35Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
31
TABLE 23: I2C ADDRESSING 
Register Setting I2C_Addr<6:0> 
Controller I2C  
7‐bit Address 
I2C_Addr<6:0> is non‐zero* 
I2C_addr<6:0> 
Test mode (EN=VR_HOT=low) 
0A hex 
* Note Address 00h is not allowed. This is the I2C Broadcast 
Address. 
TABLE 24: PMBUS ADDRESSING 
Register Setting 
PM_Addr<3:0> 
Calculated 
8‐bit 
address 
code 
PMBus 
7‐bit 
Address 
(Loop1) 
I2C  7‐bit 
address 
when tied 
to PMBus
1 
1111 
1110 1110 
77 hex 
37 hex 
1110 
1110 1100 
76 hex 
36 hex 
1101 
1110 1010 
75 hex 
35 hex 
1100 
1110 1000 
74 hex 
34 hex 
1011 
1110 0110 
73 hex 
33 hex 
1010 
1110 0100 
72 hex 
32 hex 
1001 
1110 0010 
71 hex 
31 hex 
1000 
1110 0000 
70 hex 
30 hex 
0111 
1000 1110 
47 hex 
2F hex 
0110 
1000 1100 
46 hex 
2E hex 
0101 
1000 1010 
45 hex 
2D hex 
0100 
1000 1000 
44 hex 
2C hex 
0011 
1000 0110 
43 hex 
2B hex 
0010 
1000 0100 
42 hex 
2A hex 
0001 
1000 0010 
41 hex 
29 hex 
0000 
1000 0000 
40 hex 
28 hex 
EN=VR_HOT=low 
0001 1010 
0D hex 
0A hex 
 
1: This I2C address only takes effect if Register 0x12[6:0] 
=0000000
 
 
TABLE 25: I2C OFFSET OPTIONS 
Enable_I2C 
Addr_Offset MTP bit 
I2C Address Offset 
0 
disabled 
1 
enabled 
 
 
 
Figure 37: ADDR_PROT Pin Components 
 
REAL‐TIME I2C MONITORING FUNCTIONS 
IR36021 provides real‐time accurate measurement of input 
voltage, input current, output voltage, output current and 
temperature  over  the  I2C  interface.  Output  voltage  is 
calculated based upon the VID setting and loadline and the 
result is reported through the I2C.  
TABLE 26: ADDR_PROT RESISTOR OFFSET  
ADDR_PROT 
Resistor 
I2C Address 
Offset 
0.845kΩ 
+0 
1.30kΩ 
+1 
1.78kΩ 
+2 
2.32kΩ 
+3 
2.87kΩ 
+4 
3.48kΩ 
+5 
4.12kΩ 
+6 
4.75kΩ 
+7 
5.49kΩ 
+8 
6.19kΩ 
+9 
6.98kΩ 
+10 
7.87kΩ 
+11 
8.87kΩ 
+12 
10.00kΩ 
+13 
11.00kΩ 
+14 
12.10kΩ 
+15 
*Note: Extends the range of PMBus addresses. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com