Electronic Components Datasheet Search
  English  ▼

X  

IR36021 Datasheet(PDF) 27 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 27 Page - International Rectifier

Back Button IR36021 Datasheet HTML 23Page - International Rectifier IR36021 Datasheet HTML 24Page - International Rectifier IR36021 Datasheet HTML 25Page - International Rectifier IR36021 Datasheet HTML 26Page - International Rectifier IR36021 Datasheet HTML 27Page - International Rectifier IR36021 Datasheet HTML 28Page - International Rectifier IR36021 Datasheet HTML 29Page - International Rectifier IR36021 Datasheet HTML 30Page - International Rectifier IR36021 Datasheet HTML 31Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
27
In  PS2  mode  (Constant‐On‐Time  Mode),  internal  circuitry 
determines when the inductor current declines to zero on 
a cycle by cycle basis and shuts off the low‐side MOSFET at 
the appropriate time in each cycle (Figure 32). This reduces 
conduction losses and also lowers the switching frequency 
resulting  in  improved  efficiency  because  the  inductor  and 
low‐side  MOSFET  are  not  sinking  power  from  the  output 
capacitors at light loads. 
When  diode‐emulation  is  activated  if  phase‐1b  is  active 
(i.e.  phase‐shedding  is  not  active),  PWM‐1b  becomes  tri‐
state  and  phase‐1a  goes  into  constant‐on‐time  mode 
simultaneously.  
In  diode‐emulation  mode,  if  Vout  drops  below  a  certain 
threshold  (le_th)  due  to  applying  a  load,  the  operation  is 
switched to PWM instantly.  
Industry  standard  tri‐state  drivers  typically  have  slow  tri‐
state  entry  times,  typically  which  allows  negative  current  
to  build  up  reducing  efficiency  and  causing  ringing.  
The  off_time_adjust  variable  allows  the  designer  to 
compensate for the tri‐state delay by reducing the low‐side 
FET on‐time by an equivalent amount.  
 
Figure 32: PS2 Active Diode Emulation Mode 
FAULTS & PROTECTION 
The comprehensive fault coverage of the IR36021 protects 
the VR against a variety of fault conditions. Faults are user 
configurable through the GUI which also displays the fault 
status. There are two types of fault monitoring registers. In 
addition to real‐time fault registers, there are “sticky” fault 
registers that can only be cleared with an I2C command or 
3.3V  power  cycle.  These  will  indicate  if  any  fault  has 
occurred  since  the  last  power  cycle,  even  if  the  fault  has 
cleared  itself  and  the  VR  has  resumed  normal  operation. 
Table 12 lists the available faults. 
TABLE 12: STICKY & NON‐STICKY FAULTS 
Register Type 
Faults 
Sticky 
OTP, OCP, OVP, UVP, 
VIN UVLO, 3.3V UVLO, 
phase‐fault, slow‐OCP 
Non‐Sticky 
 
The  controller  has  two  programmable  modes  for 
determining  how  the  controller  responds  to  faults  on  the 
two  loops.  In  combined  mode,  an  over‐current  or  under‐
voltage  fault  on  either  loop  will  trigger  the  programmed 
response  on  both  loops  (Figure  35).  In  individual  mode,  
a loop will respond only to its own over‐current or under‐
voltage  fault  independent  from  the  other  loop.  Input 
under‐voltage  on  3.3V  or  VIN  supplies,  over‐voltage  on 
either  loop  or  an  over‐temperature  fault  on  controllers 
with single temperature sense will always shut down both 
loops.  
Output Over‐voltage Protection (OVP) 
 If  the  output  voltage  exceeds  a  user‐programmable 
threshold  (Table  15)  above  the  set‐point,  the  IR36021 
detects  an  output  over‐voltage  fault  and  latches  on  the 
low‐side  MOSFETS  to  limit  the  output  voltage  rise  based  
on the settings in Table 13. 
TABLE 13: OVP ACTION 
OVP Action 
Low‐side MOSFET latched on 
Low‐side MOSFET on until 
Output<0.248V 
 
Under  OVP  conditions,  the  low‐side  MOSFETs  can  be 
configured  to  remain  latched  indefinitely  (Figure  33)  or 
remain latched on until the output voltage falls below the 
threshold  at  which  time  the  low‐side  MOSFETs  are 
released  (Figure  34).  This  release  mode  can  reduce  or 
prevent  undershoot  of  the  output  voltage.  In  the  release 
mode, if the output voltage rises above the OVP level the 
low side MOSFET’s will again be turned on until Vout drops 
below the release threshold level.  
During  soft‐start,  OVP  is  triggered  at  the  fixed  soft‐start 
level. This level can be chosen from three different values 
of  1.275V,  1.2V  or  1.35V.  Optionally,  the  OVP  may  be 
allowed  to  remain  active  while  the  IR36021  is  disabled  to 
prevent  system  leakage  from  over‐voltaging  the  output 
(Table 14). 
VOUT1
Measured voltage representing
I_inductor_phase-1a
PWM-1a
Programmed
on-time
Calculated low-
side FET on-time
Zero-crossing prediction
at the correct time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com