Electronic Components Datasheet Search
  English  ▼

X  

IR36021 Datasheet(PDF) 10 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR36021 Datasheet HTML 6Page - International Rectifier IR36021 Datasheet HTML 7Page - International Rectifier IR36021 Datasheet HTML 8Page - International Rectifier IR36021 Datasheet HTML 9Page - International Rectifier IR36021 Datasheet HTML 10Page - International Rectifier IR36021 Datasheet HTML 11Page - International Rectifier IR36021 Datasheet HTML 12Page - International Rectifier IR36021 Datasheet HTML 13Page - International Rectifier IR36021 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
10
ELECTRICAL  SPECIFICATIONS 
 
RECOMMENDED OPERATING CONDITIONS 
 
SYMBOL 
DEFINITION 
MIN 
MAX 
UNITS
VCC 
Supply Voltage 
2.9 
3.63 
V 
TA 
Ambient Temperature 
0 
85 
°C 
  
The electrical characteristics table lists the spread of values guaranteed within the recommended operating conditions. 
Typical values represent the median values, which are related to 25°C.  
 
ELECTRICAL CHARACTERISTICS 
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Supply 
VCC/GND 
 
Supply voltage 
Vcc  
2.9 
3.3 
3.63 
V 
Supply current 
Ivcc 
PWM not switching 
95 
105 
125 
mA 
3.3V UVLO turn on 
threshold 
  
 
2.80 
2.9 
V 
V 
3.3V UVLO turn off 
threshold 
  
2.6 
2.7  
Input voltage  sense input 
Input impedance  
 
1  
 
MΩ 
Input range 
 
V12 
With 14:1 divider 
0 
0.857 
1.1 
V 
 
UVLO turn on 
programmable range
1 
 
With 14:1 divider  
4.5‐15.9375  
V 
UVLO turn off 
programmable range
1 
 
With 14:1 divider  
4.5‐15.9375  
V 
OVP threshold (if enabled)  
Desktop mode 
14.3 
14.6 
14.9 
V 
Notebook mode  
23.5  
V 
Reference Voltage and DAC 
 
 
 
 
 
 
Boot Voltage Range
1 
 
  
0.25‐1.52  
V 
System Accuracy
3 
 
 
VID = 1.55V‐2.3V ‐1.1  
1.1 
%VID 
VID = 1.0V–1.5V  
‐0.5  
0.5 
%VID 
VID = 0.8 –0.995V ‐5.0  
5.0 
mV 
VID = 0.25 –0.795V ‐8  
8 
mV 
External reference resistor 
RRES 
1% external bias resistor  
7.5  
kΩ 
Oscillator & PWM Generator 
Internal oscillator
1 
 
  
96  
MHz 
Frequency Accuracy
2  
 ‐2.5  
2.5 
% 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com