Electronic Components Datasheet Search
  English  ▼

X  

IR36021 Datasheet(PDF) 33 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 33 Page - International Rectifier

Back Button IR36021 Datasheet HTML 29Page - International Rectifier IR36021 Datasheet HTML 30Page - International Rectifier IR36021 Datasheet HTML 31Page - International Rectifier IR36021 Datasheet HTML 32Page - International Rectifier IR36021 Datasheet HTML 33Page - International Rectifier IR36021 Datasheet HTML 34Page - International Rectifier IR36021 Datasheet HTML 35Page - International Rectifier IR36021 Datasheet HTML 36Page - International Rectifier IR36021 Datasheet HTML 37Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
33
 
TABLE 29: WRITE SECURITY ZONES 
Zone 
Access when 
Locked  
Unlocked 
Open 
All 
All 
Configuration 
Control & 
Telemetry 
All 
Secure 
None 
All 
 
TABLE 30: READ OR WRITE UNLOCK OPTIONS 
Password Only 
Pin Only 
Pin & Password 
Lock Forever 
 
Password Protection 
The  system  designer  can  set  any  16‐bit  password  (other 
than 00h) and this is stored in MTP (Table 31). To unlock, a 
user  must  write  the  correct  password  into  the  “Password 
Try” register which is a volatile read/write register. To lock, 
write  an  incorrect  password  into  the  “Password  Try” 
register.  After  a  certain  number  of  incorrect  tries,  the  IC 
will lock up to prevent unauthorized access. 
TABLE 31: PASSWORD REGISTERS 
Register 
Length 
Location 
Password 
16 bit (2 bytes) 
MTP 
Try 
16 bit (2 bytes) 
R/W 
 
The  following  pseudo‐code  illustrates  how  to  change  
a password: 
# first unlock the IC 
Write old password high Byte to R/W high Byte Try register 
Write old password low Byte to R/W low Byte Try register 
# now write new password into MTP 
Write new password high Byte to high Byte MTP register 
# password has changed! Must unlock to change the low byte 
Write new password high Byte to R/W high Byte Try register 
Write new password low Byte to low Byte MTP register 
# password change complete, status is locked 
#Need to write new low byte to Try register to unlock 
 
Pin Protection 
The  ADDR_PROT  pin  is  a  dual  function  pin.  When  the  
IC  is  enabled,  the  resistor  value  is  latched  and  stored  for 
use in the I2C address offset function. Thereafter, the pin 
acts entirely as a PROTECT pin. If enabled, the PROTECT pin 
must  be  driven  high  to  unlock  and  low  to  lock.  Note,  
if  the  resistor  address  offset  function  is  being  used,  care 
must  be  taken  to  allow  the  IC  to  read  the  resistor  value 
before driving the pin high or low to set the security state 
otherwise  an  erroneous  address  offset  value  may  be 
latched  in.  The  user  should  wait  until  at  least  the 
completion of the auto‐trim time t4 in Figure 8. 
GAMER MODE & MARGINING 
IR36021  supports  a  PMBus  gamer  command  for  flexible 
over‐clocking  over  an  extended  VID  range.  System 
firmware  can  use  this  command  to  enable  and  disable 
“Gamer Mode”. When Gamer mode is enabled, the output 
voltage  transitions  from  the  current  value  to  the  value 
specified by the Gamer command . 
The Gamer VID is represented as a 9‐bit word given by the 
formula: 
mV
Stepsize
where
V
.
MAX
V
to
VID
for
Stepsize
)
VID
(
V
Gamer
Gamer
5
3
2
460
1
1
 
The  designer  may  also  configure  a  maximum  Vout  (Table 
32)  to  protect  the  VR  from  exceeding  the  programmed 
voltage  regardless  of  the  commanded  VID  and  offset.  
The Gamer command may be used to set the controller to 
either override or track the current VID (set by manual_VID 
registers).  In  Override  mode,  the  IR36021  sets  the  output 
voltage  defined  by  the  Gamer  VID  and  ignores  the 
manual_VID registers. In Track mode, the output voltage is 
initially set to the Gamer VID and any subsequent changes 
to the manual_VID registers cause the same offset changes 
in the Gamer VID. 
The  IR36021  Gamer  command  also  provides  overclockers 
the  ability  to  minimize  droop  by  digitally  scaling  the 
loadline to 80%, 60% or 0% (disable) of the nominal value. 
A  summary  of  the  PMBus  Gamer  command  is  shown  in 
Table 33. 
Note that sending a Gamer command does not change the 
output voltage when the device is in margining mode. The 
command  will  take  effect  when  the  device  comes  out  of 
margining mode. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com