Electronic Components Datasheet Search
  English  ▼

X  

IR36021 Datasheet(PDF) 24 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 24 Page - International Rectifier

Back Button IR36021 Datasheet HTML 20Page - International Rectifier IR36021 Datasheet HTML 21Page - International Rectifier IR36021 Datasheet HTML 22Page - International Rectifier IR36021 Datasheet HTML 23Page - International Rectifier IR36021 Datasheet HTML 24Page - International Rectifier IR36021 Datasheet HTML 25Page - International Rectifier IR36021 Datasheet HTML 26Page - International Rectifier IR36021 Datasheet HTML 27Page - International Rectifier IR36021 Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
24
load  (and  with  low‐side  MOSFETs  being  off)  it  can  take  a 
relatively long time for the output voltage to decay down 
to the steady state value.  
Note  that  ATA  is  more  effective  on  multi‐phase  rails  (e.g. 
loop1) and when used in conjunction with the load‐line. 
 
Figure 25: Vout1 (2phase) response to a transient. ATA 
Enable/Disable Comparison, load‐line is enabled. 
 
Figure 26: ATA close up when a load is applied. 
DYNAMIC VID SLEW RATE 
VID refers to the code inside a register which corresponds 
to  a  specific  output  voltage.  This  code  can  be  changed  in 
the GUI by changing the manual_VID registers (through I2C 
communication)  or  by  corresponding  commands  (for 
example  margining  commands)  sent  through  PMBus.  The 
IR36021 provides the VR designer with up to 8 slew rates 
by  selecting  a  slew  rate  setting  as  shown  in  the  fast‐rate 
column in Table 2.  
Figure 27: Diode Emulation (ATA is on) during a load release 
EFFICIENCY SHAPING 
IR36021  features  Efficiency  Shaping  Technology  that 
enables  VR  designers  to  cost‐effectively  maximize  system 
efficiency. Efficiency Shaping Technology consists of phase‐
shedding  (sometimes  referred  to  as  ‘Dynamic  Phase 
Control’, DPC) and diode‐emulation to achieve the best VR 
efficiency at a given cost point. 
POWER‐SAVING STATES 
The IR36021 can be programmed to do phase shedding for 
loop1 and/or go into diode emulation at light load for both 
loops.  Both  of  these  mechanisms  improve  efficiency  at 
light  loads  at  the  expense  of  more  output  voltage  ripple. 
Phase‐shedding 
and 
diode‐emulation 
can 
be 
enabled/disabled  independently  from  each  other  and 
independently  for  each  loop.  To  improve  efficiency  for 
loop1  at  light  loads  when  there  is  no  transient,  it  is 
recommended  to  program  the  device  to  do  phase 
shedding  at  about  20A  and  as  the  current  decreases  to 
about  3‐5A  the  diode‐emulation  should  be  activated  for 
the  running  phase  (phase‐1a).  This  sequence  can  be 
explained  using  Power  States  as  summarized  in  Table  9. 
For loop2, since it is 1phase, PS1 and PS0 are identical. 
When  there  are  transients,  it  is  recommended  to  use 
either phase shedding or diode emulation since using both 
mechanisms can further increase the output voltage ripple 
in some conditions. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com