Electronic Components Datasheet Search
  English  ▼

X  

IR36021 Datasheet(PDF) 25 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 25 Page - International Rectifier

Back Button IR36021 Datasheet HTML 21Page - International Rectifier IR36021 Datasheet HTML 22Page - International Rectifier IR36021 Datasheet HTML 23Page - International Rectifier IR36021 Datasheet HTML 24Page - International Rectifier IR36021 Datasheet HTML 25Page - International Rectifier IR36021 Datasheet HTML 26Page - International Rectifier IR36021 Datasheet HTML 27Page - International Rectifier IR36021 Datasheet HTML 28Page - International Rectifier IR36021 Datasheet HTML 29Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
25
TABLE 9: POWER STATES  
Power 
State 
Mode 
Recommended 
Current 
PS0 
Full Power, 2Φ(loop1) 
Maximum 
PS1 
Light Load 1Φ 
<20A 
PS2 
Light Load, 1Φ with Diode 
Emulation 
<5A 
 
The Power States may be commanded through I2C/PMBus, 
or  the  IR36021  can  automatically  step  through  the  Power 
States based upon the regulator conditions as summarized 
in Table 10. Auto Mode is ensued when diode‐emulation is 
enabled by setting a flag. It should be noted that to use the 
commands  (I2C/PMBus),  Auto  Mode  should  be  disabled. 
Furthermore, it is recommended to use the Auto Mode or 
phase‐shedding  option  as  much  as  possible  instead  or 
using the commands. 
TABLE 10: POWER STATE ENTRY/EXIT 
 
Auto  Mode disabled  
Auto Mode  
PS1 
Entry 
a) based on current level if 
phase‐shed is enabled  
b) via command 
c) based on current level  
if commanded to PS2 
based on the current level if 
phase‐shed is enabled  
PS1 
Exit 
a) Command to PS0 
b) Command to PS2 if 
current level is low 
c) Current level to PS0  
d) current limit To PS0  
fe To PS0 if Vout drops 
below a threshold (fc_hth) 
 
a) Current level to PS0 
b) Current level to PS2 
c) to PS0 if Vout drops below 
a threshold (fc_hth) 
PS2 
Entry 
a) Command (if current is 
lower than threshold) 
Current level in phase‐1a 
PS2 
Exit 
a) Command to PS1  
b) Command to PS0 
c) Current level To PS1  
d) Current limit to PS0  
e) To PS0 if Vout drops 
below a threshold (le_th) 
a) to PS0 if Vout drops below 
a threshold (le_th) 
b) To PS0 or PS1 based on 
current 
 
 
 
 
 
 
PHASE SHEDDING / DYNAMIC PHASE CONTROL 
(DPC) 
The  designer  can  configure  the  VR  to  dynamically  add  or 
shed  one phase as the load current varies. Phase shedding 
(or  DPC)  reduces  the  number  of  phases  (Figures  28‐30) 
based  upon  monitoring  both  filtered  total  current  and 
error  voltage  over  the  DPC  filter  window.  Monitoring  the 
error  voltage  insures  that  the  VR  will  not  drop  a  phase 
during large load oscillations. 
Figure 28 shows that at startup, if the load current is below 
the  2‐phase  current  threshold,  one  phase  is  dropped 
shortly after PGood1 goes high. 
Figure 28: Phase Shed 2Φ1Φ at startup 
During  a  large  load  step  for  loop1  and  based  upon  the 
error  voltage,  the  controller  instantly  goes  to   2‐phase 
operation  and  will  remain  there  for  the  DPC  filter  delay 
(BW≈40kHz)  after  which  a  phase  will  be  dropped 
depending  on  the  load  current  (Figure  29).  The  error‐
threshold, which should be exceeded, is called ‘L1_fc_hth’. 
This threshold is among the ATA settings. The ATA circuitry 
ensures  that  the  idle  phase  is  activated  with  optimum 
timing  during  a  load  step  (this  is  still  valid  even  if  ATA  is 
disabled). 
Figure  30  shows  that  how  adding/dropping  a  phase  is 
automatically  done  based  on  the  current  level.  For  this 
figure, the slew‐rate of the load step is not high enough to 
make  a  Vout  drop  larger  than  the  threshold.   Therefore, 
phase  dropping/adding  is  delayed  because  it  is  based  on 
the measured load current which is low‐pass filtered.  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com