Electronic Components Datasheet Search
  English  ▼

X  

MAX350C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX350C/D
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX350C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX350C/D Datasheet HTML 7Page - Maxim Integrated Products MAX350C/D Datasheet HTML 8Page - Maxim Integrated Products MAX350C/D Datasheet HTML 9Page - Maxim Integrated Products MAX350C/D Datasheet HTML 10Page - Maxim Integrated Products MAX350C/D Datasheet HTML 11Page - Maxim Integrated Products MAX350C/D Datasheet HTML 12Page - Maxim Integrated Products MAX350C/D Datasheet HTML 13Page - Maxim Integrated Products MAX350C/D Datasheet HTML 14Page - Maxim Integrated Products MAX350C/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
______________________________________________________________________________________
11
0
-5
-3
1
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
40
120
VCOM (V)
-1
3
80
140
20
100
60
5
-4
0
-2
2
4
V± = ±5V
V± = ±3V
V± = ±2.5V
110
30
-5
-3
1
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
(DUAL SUPPLIES)
50
90
VCOM (V)
-1
3
70
100
40
80
60
5
-4
0
-2
2
4
V± = ±5.5V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -55°C
0
04
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
100
300
VCOM (V)
8
200
400
350
50
250
150
210
12
6
V+ = 3V
V+ = 12V
V+ = 5V
V+ = 2.5V
V- = 0V
V+ = 9V
180
02
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
(SINGLE SUPPLY)
100
VCOM (V)
4
60
140
160
120
80
40
15
3
TA = +25°C
TA = -55°C
TA = +85°C
TA = +125°C
V+ = 5V
V- = 0V
0.1
OFF-LEAKAGE vs.
TEMPERATURE
1,000
TEMPERATURE (°C)
10
1
100
-50
125
25
-25
0
75
50
100
V± = ±5.5V
0.1
ON-LEAKAGE vs.
TEMPERATURE
1,000
10,000
TEMPERATURE (°C)
10
1
100
-50
125
25
-25
0
75
50
100
V± = ±5.5V
__________________________________________Typical Operating Characteristics
(V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, unless otherwise noted.)
-5
-3
1
CHARGE INJECTION vs. VCOM
-5
5
VCOM (V)
-1
3
-4
4
-3
3
-2
2
-1
1
0
5
-4
0
-2
2
4
A: V+ = 5V, V- = -5V
B: V+ = 5V, V- = 0V
A
B
-5
-3
1
TURN-ON/TURN-OFF TIMES vs. VCOM
0
250
VCOM (V)
-1
3
50
200
100
150
5
-4
0
-2
2
4
A = tON
A: V+ = 5V, V- = 5V
B: V+ = 5V, V- = 0V
A = tOFF
B = tOFF
B = tON
-50
04
DATA HOLD TIME vs.
POWER-SUPPLY VOLTAGE
-30
10
SUPPLY VOLTAGE (V)
8
-10
30
40
50
20
-40
0
-20
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com