Electronic Components Datasheet Search
  English  ▼

X  

MAX350C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX350C/D
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX350C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX350C/D Datasheet HTML 1Page - Maxim Integrated Products MAX350C/D Datasheet HTML 2Page - Maxim Integrated Products MAX350C/D Datasheet HTML 3Page - Maxim Integrated Products MAX350C/D Datasheet HTML 4Page - Maxim Integrated Products MAX350C/D Datasheet HTML 5Page - Maxim Integrated Products MAX350C/D Datasheet HTML 6Page - Maxim Integrated Products MAX350C/D Datasheet HTML 7Page - Maxim Integrated Products MAX350C/D Datasheet HTML 8Page - Maxim Integrated Products MAX350C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
4
_______________________________________________________________________________________
SCLK Frequency
fSCLK
RESET Minimum Pulse Width
tRW
70
ns
TA = +25°C
Fall Time of DOUT (Note 4)
tDF
100
ns
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
Allowable Fall Time at DIN, SCLK
(Note 4)
tSCF
2
µs
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
Allowable Rise Time at DIN, SCLK
(Note 4)
tSCR
2
µs
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
Rise Time of DOUT (Note 4)
tDR
100
ns
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
DIN Data Valid after Falling SCLK
(Note 4)
tDO
400
ns
Data Hold Time
Minimum Data Setup Time
tDS
17
100
ns
tDH
0
-17
85
50% of SCLK to 10% of DOUT,
CL = 10pF
SCLK Low Time
ns
tCL
C, E, M
190
ns
TA = +25°C
C, E, M
C, E, M
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 1)
UNITS
C, E, M
SCLK High Time
CS Lag Time
tCSH2
240
ns
tCH
190
CS Lead Time
Cycle Time
ns
tCH +tCL
480
tCSS
240
ns
C, E, M
0
2.1
ns
MHz
C, E, M
C, E, M
C, E, M
C, E, M
CONDITIONS
SERIAL DIGITAL INTERFACE
TIMING CHARACTERISTICS—Dual Supplies (Figure 1)
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 2:
∆RON = RON(max) - RON(min). On-resistance match between channels and on-resistance flatness are guaranteed only with
specified voltages. Flatness is defined as the difference between the maximum and minimum value of on-resistance as
measured over the specified analog signal range.
Note 3: Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at room temp.
Note 4: Guaranteed by design.
Note 5: Leakage testing at single supply is guaranteed by testing with dual supplies.
Note 6: See Figure 6. Off-isolation = 20log10 VCOM/VNO, VCOM = output. NO = input to off switch.
Note 7: Between any two switches. See Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com