Electronic Components Datasheet Search
  English  ▼

X  

MAX350C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX350C/D
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX350C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX350C/D Datasheet HTML 8Page - Maxim Integrated Products MAX350C/D Datasheet HTML 9Page - Maxim Integrated Products MAX350C/D Datasheet HTML 10Page - Maxim Integrated Products MAX350C/D Datasheet HTML 11Page - Maxim Integrated Products MAX350C/D Datasheet HTML 12Page - Maxim Integrated Products MAX350C/D Datasheet HTML 13Page - Maxim Integrated Products MAX350C/D Datasheet HTML 14Page - Maxim Integrated Products MAX350C/D Datasheet HTML 15Page - Maxim Integrated Products MAX350C/D Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
12
______________________________________________________________________________________
0
04
DATA SETUP TIME vs.
POSITIVE SUPPLY VOLTAGE
20
60
SUPPLY VOLTAGE (V)
8
40
80
90
100
70
10
50
30
26
100
0.001
-50
125
POWER-SUPPLY CURRENT
vs. TEMPERATURE
10
1
TEMPERATURE (°C)
25
0.1
0.01
-25
0
75
50
100
V± = ±5.5V
I+
I-
10
04
MINIMUM SCLK PULSE WIDTH vs.
POSITIVE SUPPLY VOLTAGE
15
25
SUPPLY VOLTAGE (V)
8
20
30
35
26
0
-100
10k
100k
10M
1G
FREQUENCY RESPONSE
-80
-20
FREQUENCY (Hz)
1M
100M
-40
-60
20
-80
-100
-120
-60
0
-20
-40
PHASE
OFF ISOLATION
INSERTION LOSS
ISOLATION OF
A BARE SOCKET
V± = ±5V
50W IN AND OUT
0.01
10
100
1k
10k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.1
FREQUENCY (Hz)
1
10
100
V± = ±5V
600
Ω IN AND OUT
Typical Operating Characteristics (continued)
(V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com