Electronic Components Datasheet Search
  English  ▼

X  

MAX350C/D Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX350C/D
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX350C/D Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX350C/D Datasheet HTML 12Page - Maxim Integrated Products MAX350C/D Datasheet HTML 13Page - Maxim Integrated Products MAX350C/D Datasheet HTML 14Page - Maxim Integrated Products MAX350C/D Datasheet HTML 15Page - Maxim Integrated Products MAX350C/D Datasheet HTML 16Page - Maxim Integrated Products MAX350C/D Datasheet HTML 17Page - Maxim Integrated Products MAX350C/D Datasheet HTML 18Page - Maxim Integrated Products MAX350C/D Datasheet HTML 19Page - Maxim Integrated Products MAX350C/D Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
18
______________________________________________________________________________________
Pin Configurations/Functional Diagrams (continued)
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
CS
TOP VIEW
RESET
DOUT
V-
GND
DIN
V+
SCLK
N.C.
N.C.
NO7
NO6
NO2
NO1
NO0
COM
12
11
9
10
NO5
NO4
N.C.
NO3
SSOP
MAX349
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
CS
RESET
DOUT
V-
GND
DIN
V+
SCLK
N.C.
N.C. = NOT INTERNALLY CONNECTED
COMB
NO0B
NO1B
NO2A
NO1A
NO0A
COMA
12
11
9
10
NO2B
NO3B
N.C.
NO3A
SSOP
LOGIC
LOGIC
MAX350
Bipolar Supplies
The MAX349/MAX350 operate with bipolar supplies
from ±3.0V and ±8V. The V+ and V- supplies need not
be symmetrical, but their sum cannot exceed the
absolute maximum rating of 17V. Do not connect the
MAX349/MAX350 V+ to +3V and connect the logic-
level pins to TTL logic-level signals. This exceeds
the absolute maximum ratings and can damage the
part and/or external circuits.
Single Supply
The MAX349/MAX350 operate from single supplies
between +3V and +16V when V- is connected to GND.
All of the bipolar precautions must be observed.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat up
to 50MHz (see
Typical Operating Characteristics).
Above 20MHz, the on response has several minor
peaks that are highly layout dependent. The problem is
not turning the switch on, but turning it off. The off-state
switch acts like a capacitor and passes higher frequen-
cies with less attenuation. At 10MHz, off-isolation is
about -45dB in 50
Ω systems, becoming worse (approx-
imately 20dB per decade) as frequency increases.
Higher circuit impedances also make off-isolation
worse. Adjacent channel attenuation is about 3dB
above that of a bare IC socket, and is entirely due to
capacitive coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com