Electronic Components Datasheet Search
  English  ▼

X  

MAX350C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX350C/D
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX350C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX350C/D Datasheet HTML 1Page - Maxim Integrated Products MAX350C/D Datasheet HTML 2Page - Maxim Integrated Products MAX350C/D Datasheet HTML 3Page - Maxim Integrated Products MAX350C/D Datasheet HTML 4Page - Maxim Integrated Products MAX350C/D Datasheet HTML 5Page - Maxim Integrated Products MAX350C/D Datasheet HTML 6Page - Maxim Integrated Products MAX350C/D Datasheet HTML 7Page - Maxim Integrated Products MAX350C/D Datasheet HTML 8Page - Maxim Integrated Products MAX350C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +4.5V to +5.5V, V- = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
TA = +25°C
C, E, M
125
175
C, E, M
V
V-
V+
VCOM, VNO
Analog Signal Range
TA = +25°C
-0.1
0.002
0.1
TA = +25°C
-0.2
0.002
0.2
C, E
C, E
CONDITIONS
-10
10
-10
10
V+ = 5V, VCOM = 3.5V,
INO = 1mA
M
-100
100
TA = +25°C
M
-100
100
TA = +25°C
-0.2
0.002
0.2
MAX349
C, E
-5
5
M
Ω
225
RON
COM-NO On-Resistance
-50
50
-0.1
0.002
0.1
nA
V+ = 5.5V,
VCOM = 0V,
VNO = 4.5V
MAX350
ICOM(OFF)
COM Off-Leakage Current
(Notes 4, 5)
TA = +25°C
-0.2
0.01
0.2
C, E
-10
10
M
-100
100
TA = +25°C
-0.2
0.02
0.2
MAX349
C, E
-5
5
M
MAX349
-50
50
C, E
-5
5
M
-50
50
V+ = 5.5V,
VCOM = VNO =
±4.5V
nA
MAX350
V+ = 5.5V,
VCOM = 4.5V,
VNO = 0V
ICOM(ON)
COM On-Leakage Current
(Notes 4, 5)
MAX350
UNITS
MIN
TYP
MAX
(Note 1)
SYMBOL
PARAMETER
TA = +25°C
-0.1
0.002
0.1
C, E
-5
5
M
V+ = 5.5V, VCOM = 4.5V,
VNO = 0V
-10
10
C, E, M
2.4
C, E, M
0.8
VIL
VIH
DIN, SCLK, CS, RESET Input
Voltage Logic Threshold Low
DIN, SCLK, CS, RESET Input
Voltage Logic Threshold High
V
V
C, E, M
-1
0.03
1
C, E, M
2.8
V+
C, E, M
0
0.4
IDOUT = -1.6mA
IDOUT = 0.8mA
VDIN, VSCLK,
VCS = 0.8V or 2.4V
VDOUT
VDOUT
IIH, IIL
DOUT Output Voltage Logic Low
DOUT Output Voltage Logic High
DIN, SCLK, CS, RESET Input
Current Logic High or Low
V
V
µA
C, E, M
100
SCLKHYST
SCLK Input Hysteresis
mV
TA = +25°C
720
C, E, M
30
DIN = CS = SCLK = 0V or V+,
RESET = 0V or V+
I+
V+ Supply Current
µA
TA = +25°C
-0.1
0.002
0.1
C, E
-5
5
M
V+ = 5.5V, VCOM = 0V,
VNO = 4.5V
nA
-10
10
INO(OFF)
NO Off-Leakage Current
(Notes 4, 5)
DIGITAL I/O
ANALOG SWITCH
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com