| Electronic Components Datasheet Search |
|
MAX350C/D Datasheet(PDF) 15 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX350C/D Datasheet(HTML) 15 Page - Maxim Integrated Products |
|
15 / 20 page ![]() Table 2. MAX350 Serial-Interface Switch Programming Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers ______________________________________________________________________________________ 15 X = Don’t care. Data bit D7 is first bit in; data bit D0 is last in. X 1 Switch 0 open (off) X X X X 0 X X X MAX349 FUNCTION X X X X 1 1 X DATA BITS Switch 0 closed to COM X 0 0 1 0 1 1 1 All switches open, D7–D0 = 0 Switch 7 open (off) All switches closed to COM, D7–D0 = 1 All switches open, D7–D0 = 0 X X 1 X 1 X 1 1 1 Switch 6 open (off) Switch 5 open (off) Switch 6 closed to COM Switch 7 closed to COM X 1 X 1 X 1 X 1 Switch 4 open (off) Switch 3 open (off) Switch 4 closed to COM Switch 5 closed to COM X 1 X 1 X 1 X 1 Switch 2 open (off) Switch 1 open (off) Switch 2 closed to COM Switch 3 closed to COM D7 0 X 1 X 0 X 1 X X X X X X X X X D6 0 0 X X 1 X 1 X X X X 0 X 1 X X X X X D4 X X 0 X X X X X 1 X X X X D5 0 0 X X 1 X 1 X X X X X X X X 0 X 1 X D2 0 0 X X 1 X 1 RESET X X X X X X X X X X X X X X X D0 X X X X X X X X X X X 0 X X D1 X X 0 X X X X X 1 D3 X X X X X 1 X 1 Switch 1 closed to COM X Table 1. MAX349 Serial-Interface Switch Programming X 1 Switch NO0A open (off) X X X X 0 X X X MAX350 FUNCTION X X X X 1 1 X DATA BITS Switch NO0A closed X 0 0 1 0 1 1 1 All switches open, D7–D0 = 0 Switch NO0B open (off) All “A” switches closed to COMA; All “B” switches closed to COMB, D7–D0 = 1 All switches open, D7–D0 = 0 X X 1 X 1 X 1 1 1 Switch NO1B open (off) Switch NO2B open (off) Switch NO1B closed Switch NO0B closed X 1 X 1 X 1 X 1 Switch NO3B open (off) Switch NO3A open (off) Switch NO3B closed Switch NO2B closed X 1 X 1 X 1 X 1 Switch NO2A open (off) Switch NO1A open (off) Switch NO2A closed Switch NO3A closed D7 0 X 1 X 0 X 1 X X X X X X X X X D6 0 0 X X 1 X 1 X X X X 0 X 1 X X X X X D4 X X 0 X X X X X 1 X X X X D5 0 0 X X 1 X 1 X X X X X X X X 0 X 1 X D2 0 0 X X 1 X 1 RESET X X X X X X X X X X X X X X X D0 X X X X X X X X X X X 0 X X D1 X X 0 X X X X X 1 D3 X X X X X 1 X 1 Switch NO1A closed X |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |