Electronic Components Datasheet Search
  English  ▼

X  

MAX350C/D Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX350C/D
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX350C/D Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX350C/D Datasheet HTML 12Page - Maxim Integrated Products MAX350C/D Datasheet HTML 13Page - Maxim Integrated Products MAX350C/D Datasheet HTML 14Page - Maxim Integrated Products MAX350C/D Datasheet HTML 15Page - Maxim Integrated Products MAX350C/D Datasheet HTML 16Page - Maxim Integrated Products MAX350C/D Datasheet HTML 17Page - Maxim Integrated Products MAX350C/D Datasheet HTML 18Page - Maxim Integrated Products MAX350C/D Datasheet HTML 19Page - Maxim Integrated Products MAX350C/D Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
V-
NO0A
DIN
NO2A
0.120"
(3.05mm)
0.100"
(2.54mm)
NO3A
NO3B
NO2B
COMB
NO0B
NO1B
V+
SCLK
CS
RESET
DOUT
COMA
GND
NO1A
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
______________________________________________________________________________________
19
Ordering Information (continued)
*
Contact factory for dice specifications.
** Contact factory for availability.
_________________Chip Topographies
TRANSISTOR COUNT: 500
SUBSTRATE CONNECTED TO V+.
20 SSOP
-40°C to +85°C
MAX350EAP
Dice*
0°C to +70°C
MAX350C/D
20 SSOP
-40°C to +85°C
MAX349EAP
18 CERDIP**
-55°C to +125°C
MAX350MJN
18 Wide SO
-40°C to +85°C
MAX350EWN
18 Plastic DIP
-40°C to +85°C
MAX350EPN
20 SSOP
0°C to +70°C
MAX350CAP
18 Wide SO
18 Plastic DIP
0°C to +70°C
0°C to +70°C
MAX350CWN
MAX350CPN
18 CERDIP**
-55°C to +125°C
MAX349MJN
18 Wide SO
18 Plastic DIP
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
-40°C to +85°C
MAX349EWN
MAX349EPN
PART
MAX349
MAX350
V-
NO0
DIN
NO2
0.120"
(3.05mm)
0.100"
(2.54mm)
NO3
NO4
NO5
NO7
NO6
V+
SCLK
CS
RESET
DOUT
COM
GND
NO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com