Electronic Components Datasheet Search
  English  ▼

X  

MAX350C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX350C/D
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX350C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX350C/D Datasheet HTML 2Page - Maxim Integrated Products MAX350C/D Datasheet HTML 3Page - Maxim Integrated Products MAX350C/D Datasheet HTML 4Page - Maxim Integrated Products MAX350C/D Datasheet HTML 5Page - Maxim Integrated Products MAX350C/D Datasheet HTML 6Page - Maxim Integrated Products MAX350C/D Datasheet HTML 7Page - Maxim Integrated Products MAX350C/D Datasheet HTML 8Page - Maxim Integrated Products MAX350C/D Datasheet HTML 9Page - Maxim Integrated Products MAX350C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +4.5V to +5.5V, V- = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CL = 1nF, VNO = 0V, RS = 0Ω
VCTE
Charge Injection (Note 4)
pC
dB
CONDITIONS
TA = +25°C
TA = +25°C
160
400
> 90
TA = +25°C
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
< -90
C, E, M
From rising edge of CS
ns
dB
VISO
VCT
Channel-to-Channel Crosstalk
(Note 7)
Off-Isolation (Note 6)
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
500
tON
Turn-On Time
TA = +25°C
60
200
C, E, M
From rising edge of CS
ns
300
tOFF
Turn-Off Time
UNITS
MIN
TYP
MAX
(Note 1)
SYMBOL
PARAMETER
TA = +25°C
15
TA = +25°C
From rising edge of CS
110
ns
tBBM
Break-Before-Make Delay
SWITCH DYNAMIC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com