Electronic Components Datasheet Search
  English  ▼

X  

MAX4331 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4331
Description  Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4331 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4331 Datasheet HTML 7Page - Maxim Integrated Products MAX4331 Datasheet HTML 8Page - Maxim Integrated Products MAX4331 Datasheet HTML 9Page - Maxim Integrated Products MAX4331 Datasheet HTML 10Page - Maxim Integrated Products MAX4331 Datasheet HTML 11Page - Maxim Integrated Products MAX4331 Datasheet HTML 12Page - Maxim Integrated Products MAX4331 Datasheet HTML 13Page - Maxim Integrated Products MAX4331 Datasheet HTML 14Page - Maxim Integrated Products MAX4331 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Single/Dual/Quad, Low-Power, Single-Supply,
Rail-to-Rail I/O Op Amps with Shutdown
______________________________________________________________________________________
11
Rail-to-Rail Output Stage
The MAX4330–MAX4334 output stage can drive up to a
2k
Ω load and still typically swing within 125mV of the
rails. Figure 3 shows the output voltage swing of a
MAX4331 configured as a unity-gain buffer. The operat-
ing voltage is a single +3V supply, and the input volt-
age is 3Vp-p. The output swings to within 70mV of VEE
and 100mV of VCC, even with the maximum load
applied (2k
Ω to mid-supply).
Driving a capacitive load can cause instability in many
op amps, especially those with low quiescent current.
The MAX4330–MAX4334 are stable for capacitive loads
up to 150pF. The Capacitive Load Stability graph in the
Typical Operating Characteristics gives the stable
operating region for capacitive vs. resistive loads.
Figures 4 and 5 show the response of the MAX4331
with an excessive capacitive load, compared with the
response when a series resistor is added between the
output and the capacitive load. The resistor improves
the circuit’s response by isolating the load capacitance
from the op amp’s output (Figure 6).
1k
1k
Figure 2. Input Protection Circuit
Figure 3. Rail-to-Rail Input/Output Voltage Range
IN
1V/div
1V/div
OUT
20
µs/div
VCC = 3V, RL = 2kΩ TO VCC / 2
Figure 4. Small-Signal Transient Response with Excessive
Capacitive Load
IN
50mV/div
50mV/div
OUT
2
µs/div
RISO = 0Ω, AV = +1
CL = 510pF
VCC = 3V, RL = 100kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com