Electronic Components Datasheet Search
  English  ▼

X  

MAX4331 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4331
Description  Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4331 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4331 Datasheet HTML 8Page - Maxim Integrated Products MAX4331 Datasheet HTML 9Page - Maxim Integrated Products MAX4331 Datasheet HTML 10Page - Maxim Integrated Products MAX4331 Datasheet HTML 11Page - Maxim Integrated Products MAX4331 Datasheet HTML 12Page - Maxim Integrated Products MAX4331 Datasheet HTML 13Page - Maxim Integrated Products MAX4331 Datasheet HTML 14Page - Maxim Integrated Products MAX4331 Datasheet HTML 15Page - Maxim Integrated Products MAX4331 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Single/Dual/Quad, Low-Power, Single-Supply,
Rail-to-Rail I/O Op Amps with Shutdown
12
______________________________________________________________________________________
__________Applications Information
Power-Up
The MAX4330–MAX4334 outputs typically settle within
5µs after power-up. Using the test circuit of Figure 7,
Figures 8 and 9 show the output voltage and supply
current on power-up and power-down.
Shutdown Mode
The MAX4331/MAX4333 feature a low-power shutdown
mode. When the shutdown pin (SHDN) is pulled low, the
supply current drops to 9µA per amplifier (typical), the
amplifier is disabled, and the outputs enter a high-
impedance state. Pulling SHDN high or leaving it float-
ing enables the amplifier. Figures 10 and 11 show the
MAX4331/MAX4333’s output voltage and supply-current
responses to a shutdown pulse.
Figure 5. Small-Signal Transient Response with Excessive
Capacitive Load and Isolation Resistor
IN
50mV/div
50mV/div
OUT
2
µs/div
AV = +1, CL = 510pF
RISO = 39Ω
Figure 6. Capacitive-Load-Driving Circuit
RISO
CL
MAX4330
MAX4331
MAX4332
MAX4333
MAX4334
Figure 7. Power-Up/Shutdown Test Circuit
SHDN
VOUT
0V TO +2.7V
STEP FOR
SHUTDOWN
TEST
0V TO +2.7V STEP
FOR POWER-UP
TEST, +2.7V STEP
FOR SHUTDOWN-
ENABLE TEST
SUPPLY-CURRENT
MONITORING POINT
VCC
100
Ω
2k
10k
2k
MAX4330
MAX4331
MAX4332
MAX4333
MAX4334
Figure 8. Power-Up/Down Output Voltage
VCC
1V/div
500mV/div
OUT
5
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com