Electronic Components Datasheet Search
  English  ▼

X  

MAX4331 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4331
Description  Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4331 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4331 Datasheet HTML 1Page - Maxim Integrated Products MAX4331 Datasheet HTML 2Page - Maxim Integrated Products MAX4331 Datasheet HTML 3Page - Maxim Integrated Products MAX4331 Datasheet HTML 4Page - Maxim Integrated Products MAX4331 Datasheet HTML 5Page - Maxim Integrated Products MAX4331 Datasheet HTML 6Page - Maxim Integrated Products MAX4331 Datasheet HTML 7Page - Maxim Integrated Products MAX4331 Datasheet HTML 8Page - Maxim Integrated Products MAX4331 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Single/Dual/Quad, Low-Power, Single-Supply,
Rail-to-Rail I/O Op Amps with Shutdown
_______________________________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL = 10kΩ to (VCC / 2), V SHDN ≥ 2V, CL = 15pF, TA = +25°C, unless
otherwise noted.)
Slew Rate
SR
V/µs
Gain Margin
GM
dB
degrees
10
PM
Phase Margin
55
Settling Time to 0.01%
tS
CONDITIONS
AV = +1V/V, 2V step
µs
pF
CIN
Input Capacitance
3
f = 10kHz, VOUT = 2Vp-p, AVCL = +1V/V
%
4
THD
Total Harmonic Distortion
Crosstalk
0.012
Capacitive Load Stability
VOUT = 4Vp-p
f = 10kHz, MAX4332/MAX4333/MAX4334
f = 10kHz
MHz
3
GBWP
Gain-Bandwidth Product
nV/
√Hz
VNOISE
Input Noise Voltage Density
28
dB
f = 10kHz
pA/
√Hz
-124
INOISE
Input Current Noise Density
0.26
AV = 1, no sustained oscillations
pF
150
kHz
1.5
Shutdown Time
Enable Time from Shutdown
t SHDN
µs
0.8
tENABLE
FPBW
Full-Power Bandwidth
µs
1
190
Power-Up Time
tON
µs
5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
60
-20
100
1k
100k
10M
GAIN AND PHASE
vs. FREQUENCY (NO LOAD)
MAX4330/34-TOC01
FREQUENCY (Hz)
10k
1M
100M
50
40
30
20
10
0
-10
180
-180
135
90
45
0
-45
-90
-135
GAIN
PHASE
AV = +1000
60
-40
100
1k
100k
10M
GAIN AND PHASE
vs. FREQUENCY (CL = 150pF)
MAX4330/34-TOC02
FREQUENCY (Hz)
10k
1M
100M
40
20
0
-20
180
-180
108
36
-36
-108
144
72
0
-72
-144
GAIN
AV = +1000
PHASE
0
-100
10
100
10k
1M
10M
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
1k
100k
100M
-20
-40
-60
-80
AV = +1
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = 0V, VCM = VCC / 2, V SHDN > 2V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com