Electronic Components Datasheet Search
  English  ▼

X  

MAX4331 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4331
Description  Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4331 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4331 Datasheet HTML 1Page - Maxim Integrated Products MAX4331 Datasheet HTML 2Page - Maxim Integrated Products MAX4331 Datasheet HTML 3Page - Maxim Integrated Products MAX4331 Datasheet HTML 4Page - Maxim Integrated Products MAX4331 Datasheet HTML 5Page - Maxim Integrated Products MAX4331 Datasheet HTML 6Page - Maxim Integrated Products MAX4331 Datasheet HTML 7Page - Maxim Integrated Products MAX4331 Datasheet HTML 8Page - Maxim Integrated Products MAX4331 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Single/Dual/Quad, Low-Power, Single-Supply,
Rail-to-Rail I/O Op Amps with Shutdown
4
_______________________________________________________________________________________
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.3V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL tied to (VCC / 2), V SHDN ≥ 2V, TA = -40°C to +85°C, unless
otherwise noted.)
VCC = 2.3V
VCC = 5V
Low (shutdown mode)
VCC = 5V
VCC = 2.3V
CONDITIONS
0.8
V SHDN < 0.8V
VEE < V SHDN < VCC
High (normal mode)
VCM = VOUT = VCC / 2
µA
17
V
2.3
6.5
VCC
Operating Supply-Voltage
Range
µA
±2
SHDN Input Current
V
2.0
VIL
SHDN Logic Threshold
(Note 1)
ICC(SHDN)
Shutdown Supply Current
per Amplifier
30
µA
330
ICC
Quiescent Supply Current
per Amplifier
350
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = -40°C to +85°C
Note 1: SHDN logic thresholds are referenced to VEE.
Note 2: The MAX4330EUK is 100% tested at TA = +25°C. All temperature limits are guaranteed by design.
VIH
RL = 2kΩ
200
VCC - VOH
180
VOL
40
VOL
RL = 100kΩ
40
mV
VOUT
Output Voltage Swing
VCC - VOH
74
VOUT = 0.35V to 4.65V, RL = 2kΩ
VCC = 5V
90
VOUT = 0.2V to 4.8V, RL = 100kΩ
70
VOUT = 0.35V to 1.95V, RL = 2kΩ
VCC = 2.3V
90
dB
AVOL
Large-Signal Voltage Gain
VOUT = 0.2V to 2.1V, RL = 100kΩ
±5
µA
IOUT(SHDN)
Off-Leakage Current
in Shutdown
VSHDN < 0.8V, VOUT = 0V to VCC
63
CMRR
dB
Common-Mode
Rejection Ratio
MAX433_EUA/EUB
VCC =
5V
62
MAX4330EUK
72
MAX4331ESA
69
MAX4332ESA/
MAX4333ESD
67
MAX4334ESD
58
MAX433_EUA/EUB
VCC =
2.3V
57
MAX4330EUK
68
MAX4331ESA
66
MAX4332ESA/
MAX4333ESD
65
MAX4334ESD
-0.25V <
VCM <
(VCC + 0.25V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com