Electronic Components Datasheet Search
  English  ▼

X  

MAX4331 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4331
Description  Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4331 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4331 Datasheet HTML 2Page - Maxim Integrated Products MAX4331 Datasheet HTML 3Page - Maxim Integrated Products MAX4331 Datasheet HTML 4Page - Maxim Integrated Products MAX4331 Datasheet HTML 5Page - Maxim Integrated Products MAX4331 Datasheet HTML 6Page - Maxim Integrated Products MAX4331 Datasheet HTML 7Page - Maxim Integrated Products MAX4331 Datasheet HTML 8Page - Maxim Integrated Products MAX4331 Datasheet HTML 9Page - Maxim Integrated Products MAX4331 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Single/Dual/Quad, Low-Power, Single-Supply,
Rail-to-Rail I/O Op Amps with Shutdown
6
_______________________________________________________________________________________
-40
-20
-30
10
0
-10
40
30
20
50
-40
0
20
-20
40
60
80
100
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 6.5V, VCM = VCC
VCC = 2.7V, VCM = VCC
VCC = 6.5V, VCM = VEE
VCC = 2.3V, VCM = VEE
250
200
150
100
50
0
TEMPERATURE (°C)
-20
-40
-60
20
0
60
80
40
100
OUTPUT SWING HIGH
vs. TEMPERATURE
RL TO VEE
VCC = 6.5V, RL = 2kΩ
VCC = 2.3V, RL = 2kΩ
VCC = 2.3V, RL = 100kΩ
VCC = 6.5V, RL = 100kΩ
120
100
80
40
20
60
0
TEMPERATURE (°C)
-20
0
-60
-40
20
40
60
80
100
OUTPUT SWING LOW
vs. TEMPERATURE
RL TO VCC
VCC = 2.3V
RL = 100kΩ
VCC = 6.5V
RL = 100kΩ
VCC = 2.3V
RL = 2kΩ
VCC = 6.5V
RL = 2kΩ
1k
0.01
100
1k
100k
10M
OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1M
100M
100
10
1
0.1
AV = +1
1200
1000
800
400
0
200
600
-200
TEMPERATURE (°C)
-40
-20
0
-60
20
40
60
80
100
OUTPUT LEAKAGE CURRENT
vs. TEMPERATURE
AV = OPEN LOOP
SHDN = 0V
OUT SHORT
TO VEE
VCC = 6.5V
VCC = 2.3V
OUT SHORT
TO VCC
VCC = 2.3V TO 6.5V
350
310
330
250
270
290
210
190
170
230
150
TEMPERATURE (°C)
-20
-60
20
60
100
0
-40
40
80
SUPPLY CURRENT
vs. TEMPERATURE
VCC = 6.5V
VCC = 2.3V
25
20
15
10
5
TEMPERATURE (°C)
-40
-60
-20
40
60
80
20
0
100
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
SHDN = 0V
VCC = 6.5V
VCC = 2.3V
1500
500
0
1000
-500
-1000
-1500
TEMPERATURE (°C)
-40
-20
0
-60
20
40
60
80
100
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
SOT/
µMAX PACKAGES
SO PACKAGE
-30
-10
-20
10
0
30
20
40
0
2
3
1
4
5
6
7
INPUT BIAS CURRENT
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
VCC = 2.3V
VCC = 6.5V
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, VCM = VCC / 2, V SHDN > 2V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com