Electronic Components Datasheet Search
  English  ▼

X  

MAX4331 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4331
Description  Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4331 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4331 Datasheet HTML 1Page - Maxim Integrated Products MAX4331 Datasheet HTML 2Page - Maxim Integrated Products MAX4331 Datasheet HTML 3Page - Maxim Integrated Products MAX4331 Datasheet HTML 4Page - Maxim Integrated Products MAX4331 Datasheet HTML 5Page - Maxim Integrated Products MAX4331 Datasheet HTML 6Page - Maxim Integrated Products MAX4331 Datasheet HTML 7Page - Maxim Integrated Products MAX4331 Datasheet HTML 8Page - Maxim Integrated Products MAX4331 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Single/Dual/Quad, Low-Power, Single-Supply,
Rail-to-Rail I/O Op Amps with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.3V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL tied to (VCC / 2), V SHDN ≥ 2V, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC to VEE .....................................................7V
IN_+, IN_-, SHDN Voltage................(VEE - 0.3V) to (VCC + 0.3V)
Output Short-Circuit Duration.................................... Continuous
(short to either supply)
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C).............571mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
8-Pin µMAX (derate 4.10mW/°C above +70°C) ............330mW
10-Pin µMAX (derate 5.60mW/°C above +70°C) ..........444mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
Operating Temperature Ranges
MAX433_C/D .......................................................0°C to +70°C
MAX433_E_ _....................................................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
| VIN+ - VIN- | > 2.5V
| VIN+ - VIN- | < 1.4V
VEE < VCM < VCC
CONDITIONS
k
Ω
2
RIN(DIFF)
Differential Input Resistance
M
Ω
2.3
nA
±1
±12
IOS
Input Offset Current
mV
±0.25
±0.9
±0.65
±1.5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
71
93
74
93
67
87
68
88
V
-0.25
VCC +
0.25
VCM
Common-Mode Input
Voltage Range
V SHDN < 0.8V, VOUT = 0V to VCC
µA
±0.1
±2
IOUT(SHDN)
Off-Leakage Current
in Shutdown
dB
69
92
CMRR
Common-Mode
Rejection Ratio
±0.65
±1.5
±0.25
±0.6
VOS
Input Offset Voltage
MAX433_EUA/EUB
MAX4330EUK
MAX4331ESA
MAX4332ESA/
MAX4333ESD
MAX4334ESD
-0.25V <
VCM <
(VCC + 0.25V)
VCC =
5V
VCM =
VEE to VCC
MAX433_EUA/EUB
MAX4331ESA
MAX4330EUK
VEE < VCM < VCC
±25
±65
IB
Input Bias Current
MAX4332ESA/MAX4333ESD
MAX433_EUA/EUB
69
90
71
90
64
82
65
84
MAX4330EUK
MAX4331ESA
MAX4332ESA/
MAX4333ESD
dB
66
89
MAX4334ESD
MAX433_EUA/EUB
VCC = 2.3V to 6.5V
PSSR
Power-Supply Rejection Ratio
77
90
79
92
76
88
76
88
MAX4330EUK
MAX4331ESA
MAX4332ESA/
MAX4333ESD
dB
75
90
MAX4334ESD
VCC =
2.3V
±0.25
±1.0
MAX4334ESD
nA
AV = 1
Ω
0.1
ROUT
Output Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com