Electronic Components Datasheet Search
  English  ▼

X  

MAX4331 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4331
Description  Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4331 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4331 Datasheet HTML 3Page - Maxim Integrated Products MAX4331 Datasheet HTML 4Page - Maxim Integrated Products MAX4331 Datasheet HTML 5Page - Maxim Integrated Products MAX4331 Datasheet HTML 6Page - Maxim Integrated Products MAX4331 Datasheet HTML 7Page - Maxim Integrated Products MAX4331 Datasheet HTML 8Page - Maxim Integrated Products MAX4331 Datasheet HTML 9Page - Maxim Integrated Products MAX4331 Datasheet HTML 10Page - Maxim Integrated Products MAX4331 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single/Dual/Quad, Low-Power, Single-Supply,
Rail-to-Rail I/O Op Amps with Shutdown
_______________________________________________________________________________________
7
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, VCM = VCC / 2, V SHDN > 2V, TA = +25°C, unless otherwise noted.)
118
108
113
103
93
83
88
98
78
OUTPUT VOLTAGE: EITHER SUPPLY (V)
0.1
0
0.2
0.3
0.5
0.4
0.6
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
(VCC = 2.3V, RL TO VCC)
RL = 100kΩ
RL = 10kΩ
RL = 2kΩ
-60
-70
-80
-90
-110
-130
-120
-100
-140
TEMPERATURE (°C)
-20
-40
-60
0
20
80
60
40
100
COMMON-MODE REJECTION
vs. TEMPERATURE
VCM = -0.25V
TO +5.25V
115
105
110
100
95
90
85
TEMPERATURE (°C)
-40
-60
-20
0
60
80
40
20
100
LARGE-SIGNAL GAIN
vs. TEMPERATURE (RL = 2kΩ)
RL TO VCC
RL TO VEE
RL TO VEE
VOUT(p-p) = VCC - 1V
RL TO VCC
VCC = 2.3V
VCC = 6.5V
118
114
110
106
98
90
94
102
86
OUTPUT VOLTAGE: EITHER SUPPLY (V)
0.1
0
0.2
0.5
0.4
0.3
0.6
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
(VCC = 2.3V, RL TO VEE)
RL = 10kΩ
RL = 2kΩ
RL = 100kΩ
130
120
125
115
105
95
100
110
90
OUTPUT VOLTAGE: EITHER SUPPLY (V)
0.1
0
0.2
0.3
0.5
0.4
0.6
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
(VCC = 6.5V, RL TO VEE)
RL = 100kΩ
RL = 10kΩ
RL = 2kΩ
140
130
120
100
90
110
80
OUTPUT VOLTAGE: EITHER SUPPLY (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
(VCC = 6.5V, RL TO VCC)
RL = 100kΩ
RL = 10kΩ
RL = 2kΩ
130
125
120
115
110
TEMPERATURE (°C)
-40
-60
-20
0
60
80
40
20
100
LARGE-SIGNAL GAIN
vs. TEMPERATURE (RL = 100kΩ)
VOUT(p-p) =
VCC - 1V
RL TO VCC OR VEE
VCC = 2.3V
RL TO VCC
VCC = 6.5V
RL TO VEE
VCC = 6.5V
2.00
1.95
1.90
1.85
1.80
1.75
1.70
1.65
1.60
TEMPERATURE (°C)
-40
-60
-20
0
60
80
40
20
100
MINIMUM OPERATING VOLTAGE
vs. TEMPERATURE
1
0.001
1
1k
10k
100k
TOTAL HARMONIC DISTORTION
AND NOISE vs. FREQUENCY
0.01
0.1
FREQUENCY (Hz)
100
10
AV = +1
2Vp-p SIGNAL
500kHz LOWPASS FILTER
RL = 10kΩ TO VCC / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com