Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT232H
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232H Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT232H Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
10
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
Pin No.
Name
Type
Description
1
OSCI
INPUT
Oscillator input.
2
OSCO
OUTPUT
Oscillator output.
5
REF
INPUT
Current reference – connect via a 12KΩ resistor @ 1% to GND.
6
DM
I/O
USB Data Signal Minus.
7
DP
I/O
USB Data Signal Plus.
42
TEST
INPUT
IC test pin – for normal operation must be connected to GND.
34
RESET#
INPUT
Reset input (active low).
31
PWRSAV#
INPUT
USB Power Save input. This is an EEPROM configurable option which
is set using a ’Suspend on DBus7 Low’ bit on FT_PROG . This option
is available when the FT232H is on a self powered mode and is used
to prevent forcing current down the USB lines when the host or hub
is powered off.
PWRSAV# = 1 : Normal Operation
PWRSAV# = 0 : FT232H forced into SUSPEND mode.
PWRSAV# can be connected to VBUS of the USB connector (via a
39KΩ resistor). When this input goes high, then it indicates to the
FT232H that it is connected to a host PC. When the host or hub is
powered down then the FT232H is held in SUSPEND mode.
Table 3.2 Common Function pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com