Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 36 Page - Future Technology Devices International Ltd.

Part # FT232H
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232H Datasheet(HTML) 36 Page - Future Technology Devices International Ltd.

Back Button FT232H Datasheet HTML 32Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 33Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 34Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 35Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 36Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 37Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 38Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 39Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 40Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
36
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
4.8 MPSSE Interface Mode Description.
MPSSE Mode is designed to allow the FT232H to interface efficiently with synchronous serial protocols
such as JTAG, I2C and SPI (MASTER) Bus. It can also be used to program SRAM based FPGA’s over USB.
The MPSSE interface is designed to be flexible so that it can be configured to allow any synchronous
serial protocol (industry standard or proprietary) to be implemented using the FT232H.
MPSSE is fully configurable, and is programmed by sending commands down the data stream. These can
be sent individually or more efficiently in packets. MPSSE is capable of a maximum sustained data rate of
30 Mbits/s.
When the FT232H is configured in MPSSE mode, the IO timing and signals used are shown in
Figure 4.14 and Table 4.4 These show timings for CLKOUT=30MHz. CLKOUT can be divided internally to
be provide a slower clock.
Figure 4.14 MPSSE Signal Waveforms
Name
Min
Typ
Max
Units
Comments
t1
16.67
15.15
ns
CLKOUT period
t2
7.5
8.33
9.17
ns
CLKOUT high period
t3
7.5
8.33
9.17
ns
CLKOUT low period
t4
1
7.15
ns
CLKOUT to TDI/DO delay
t5
0
ns
TDI/DO hold time
t6
11
ns
TDI/DO setup time
Table 4.4 MPSSE Signal Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com