Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 63 Page - Future Technology Devices International Ltd.

Part # FT232H
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232H Datasheet(HTML) 63 Page - Future Technology Devices International Ltd.

Back Button FT232H Datasheet HTML 57Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 58Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 59Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 60Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 61Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 62Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 63Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 64Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 65Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
63
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
Appendix A – List of Figures and Tables
List of Tables
Table 3.2 Common Function pins .................................................................................................. 10
Table 3.3 EEPROM Interface Group ............................................................................................... 11
Table 3.4 UART Interface and ACBUS Group (see note 1) ................................................................ 12
Table 3.5 ACBUS Configuration Control ......................................................................................... 13
Table 3.6 UART Configured Pin Descriptions ................................................................................... 14
Table 3.7 FT245 Synchronous FIFO Configured Pin Descriptions ....................................................... 15
Table 3.8 FT245 Style Asynchronous FIFO Configured Pin Descriptions .............................................. 16
Table 3.9 Synchronous or Asynchronous Bit-Bang Configured Pin Descriptions ................................... 17
Table 3.10 MPSSE Configured Pin Descriptions ............................................................................... 18
Table 3.11 Fast Serial Interface Configured Pin Descriptions............................................................. 19
Table 3.12 CPU-style FIFO Interface Configured Pin Descriptions ...................................................... 20
Table 3.13 FT1248 Configured Pin Descriptions .............................................................................. 21
Table 4.1 FT245 Synchronous FIFO Interface Signal Timings ............................................................ 28
Table 4.2 Asynchronous FIFO Timings (based on standard drive level outputs)................................... 29
Table 4.3 Synchronous Bit-Bang Mode Timing Interface Example Timings .......................................... 35
Table 4.4 MPSSE Signal Timings ................................................................................................... 36
Table 4.5 Fast Serial Interface Signal Timings ................................................................................ 38
Table 4.6 CPU-Style FIFO Interface Operation Select....................................................................... 41
Table 4.7 CPU-Style FIFO Interface Operation Read Status Description.............................................. 41
Table 4.8 CPU-Style FIFO Interface Operation Signal Timing. ........................................................... 42
Table 4.9 Configuration Using EEPROM and Application Software ...................................................... 46
Table 5.1 Absolute Maximum Ratings ............................................................................................ 47
Table 5.2 Operating Voltage and Current (except PHY) .................................................................... 48
Table 5.3 I/O Pin Characteristics VCCIO = +3.3V (except USB PHY pins) ........................................... 49
Table 5.4 PHY Operating Voltage and Current................................................................................. 50
Table 5.5 PHY I/O Pin Characteristics ............................................................................................ 50
Table 5.6 ESD Tolerance.............................................................................................................. 50
Table 6.1 OSCI Input characteristics ............................................................................................. 54
Table 7.1 Default External EEPROM Configuration ........................................................................... 57
Table 8.1 Reflow Profile Parameter Values ..................................................................................... 61
Table 8.2 Package Reflow Peak Temperature.................................................................................. 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com