Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 48 Page - Future Technology Devices International Ltd.

Part # FT232H
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232H Datasheet(HTML) 48 Page - Future Technology Devices International Ltd.

Back Button FT232H Datasheet HTML 44Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 45Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 46Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 47Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 48Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 49Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 50Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 51Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 52Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
48
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
5.2 DC Characteristics
The I/O pins are +3.3v cells, which are +5V tolerant (except the USB PHY pins).
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCORE
VCC Core Operating Supply
Voltage
1.62
1.8
1.98
V
VCCIO*
VCCIO Operating Supply
Voltage
2.97
3.63
V
Cells are 5V tolerant
VREGIN
5 Volts
VREGIN Voltage regulator
Input
3.6
5
5.5
V
5 volt input to
VREGIN
VREGIN
3.3 Volts
VREGIN Voltage regulator
Input
3.3
3.3
3.6
V
3.3 volt input to
VREGIN
Ireg
Regulator Current
54
mA
VREGIN +5V
Ireg
Regulator Current
52
mA
VREGIN +3.3V
Icc1
Core Operating Supply
Current
24
mA
VCORE = +1.8V
Normal Operation
Icc1r
Core Reset Supply Current
4.3
mA
VCORE = +1.8V
Device in reset state
Icc1s
Core Suspend Supply
Current
330
µA
VCORE = +1.8V
USB Suspend
Table 5.2 Operating Voltage and Current (except PHY)
*NOTE: Failure to connect all VCCIO pins of the device will have unpredictable behaviour.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com