Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 56 Page - Future Technology Devices International Ltd.

Part # FT232H
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232H Datasheet(HTML) 56 Page - Future Technology Devices International Ltd.

Back Button FT232H Datasheet HTML 52Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 53Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 54Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 55Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 56Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 57Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 58Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 59Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 60Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
56
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
7.2 Default EEPROM Configuration
The external EEPROM (if it’s fitted) can be programmed over USB using FT_Prog. This allows a blank part
to be soldered onto the PCB and programmed as part of the manufacturing and test process. Users who
do not have their own USB Vendor ID but who would like to use a unique Product ID in their design can
apply to FTDI for a free block of unique PIDs.
Contact FTDI support for this service.
Parameter
Value
Notes
USB Vendor ID (VID)
0403h
FTDI default VID (hex)
USB Product UD (PID)
6014h
FTDI default PID (hex)
bcd Device
009h
Serial Number Enabled?
Yes
Serial Number
See Note
None
Pull down I/O Pins in USB
Suspend
Disabled
Enabling this option will make the device pull
down on the UART interface lines when in USB
suspend mode (PWREN# is high).
Manufacturer Name
FTDI
Product Description
Single RS232-HS
Max Bus Power Current
500mA
Power Source
Bus Powered
Device Type
FT232H
USB Version
0200
Returns USB 2.0 device description to the host.
Note: The device is a USB 2.0 Full Speed device
(12Mb/s) as opposed to a USB 2.0 Hi-Speed
device (480Mb/s).
Remote Wake Up
Disabled
Taking RI# low will wake up the USB host
controller from suspend in approximately 20
ms. If enabled.
Hardware Interface
UART
Allows the user to select the hardware mode of
the device. Options include: RS232 UART, 245
FIFO, CPU 245, OPTO Isolate and FT1248.
FT1248 Settings
00h
FT1248 can be configured to set: Clock Polarity
High; Bit Order LSB and Flow Control Not
Selected.
Suspend ACBus7 Low
Disabled
Enters low power state on ACBus7.
High Current I/Os
Disabled
Enables the high drive level on the UART and
ACBUS I/O pins.
Load VCP Driver
Enabled
Makes the device load the VCP driver interface
for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com