Electronic Components Datasheet Search
  English  ▼

X  

FT900 Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # FT900
Description  The FT900 series includes the FT900,FT901, FT902 and FT903 which are complete System-On-Chip 32-bit RISC microcontrollers for embedded applications featuring a high level of integration and low powerconsumption
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT900 Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT900 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 25Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 26Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
Copyright © 2014 Future Technology Devices International Limited
22
FT900/1/2/3 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_000965 Clearance No.: FTDI#421
Pin No.
Name
Type
Description
Connect 12.3Kohm +/- 1% resistor to GND.
79
VETH3V3
P
+3.3V supply voltage.
This is the supply voltage for Ethernet I/O ports.
Connect a 0.1uF decoupling capacitor. This pin must be
connected to pin 76.
80
RXIP
I
Ethernet receive data positive input.[2]
Differential receive signal pair.
81
RXIN
I
Ethernet receive data negative input.[2]
Differential receive signal pair.
82
TXOP
O
Ethernet transmit data positive output.[2]
Differential transmit signal pair.
83
TXON
O
Ethernet transmit data negative output.[2]
Differential transmit signal pair.
84
RTC_XIO
AO
Output from the RTC Oscillator amplifier.
85
RTC_XI/RTC_CLKIN
AI
32.768KHz clock frequency input to the RTC Oscillator
circuit or to internal RTC clock generator circuit.
86
NC
-
Not connected.
87
ADC1/CAM_XCLK/GPIO6
I/O
GPIO6 input/output. (By default is GPIO input, internal
pull-low)
Camera external clock output.
10-bit A/D converter 1, input.
88
ADC2/CAM_PCLK/GPIO7
I/O
GPIO7 input/output. (By default is GPIO input, internal
pull-low)
Camera pixel clock input.
10-bit A/D converter 2, input.
89
ADC3/CAM_VD/GPIO8
I/O
GPIO8 input/output. (By default is GPIO input, internal
pull-low)
Camera vertical sync input.
10-bit A/D converter 3, input.
90
ADC4/CAM_HD/GPIO9
I/O
GPIO9 input/output. (By default is GPIO input, internal
pull-low)
Camera horizontal reference input.
10-bit A/D converter 4, input.
91
ADC5/CAM_D7/GPIO10
I/O
GPIO10 input/output. (By default is GPIO input, internal
pull-low)
Camera data 7 input.
10-bit A/D converter 5, input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com