Electronic Components Datasheet Search
  English  ▼

X  

FT900 Datasheet(PDF) 32 Page - Future Technology Devices International Ltd.

Part # FT900
Description  The FT900 series includes the FT900,FT901, FT902 and FT903 which are complete System-On-Chip 32-bit RISC microcontrollers for embedded applications featuring a high level of integration and low powerconsumption
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT900 Datasheet(HTML) 32 Page - Future Technology Devices International Ltd.

Back Button FT900 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 36Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
Copyright © 2014 Future Technology Devices International Limited
32
FT900/1/2/3 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_000965 Clearance No.: FTDI#421
pixel clock (PCLK) cycle. The PCLK signal indicates a valid data byte over the data lines and it
is used as a transfer trigger.
4.18.1 Features:
Configure camera registers via I2C two-wire interface.
8-bit data is clocked by an external clock provided by the camera module.
With VSYNC, HREF and PCLK control signals.
Programmable data capture trigger position.
2kB FIFO for camera capture data.
4.19 PWM
The FT900 series supports 7 separate independent PWM output channels. All channels share an
8-bit pre-scaler to scale the system clock frequency to the desired channels.
Each channel has its own 16-bit comparator value. This is the value that would be matched to
a preset 16-bit counter. When a channel’s 16-bit comparator value matches that of the 16-bit
counter, the corresponding PWM channel output will toggle. This 16-bit comparator value will
continue to count until it reaches its preset value, and the counter will just roll over.
A special feature allows the 7 channels each to also toggle its own output based on the
comparison results of other channels. Hence each channel potentially can have up to 8 toggle
edges. The PWM signal generated can be output as a single-shot or continuous output.
The PWM counter also supports an external trigger. There are 6 GPIOs selectable for an
external trigger.
PWM channel 0 and channel 1 can double as a stereo 11 KHz or 22 KHz PCM audio channel.
Once this feature is setup, the 16-bit or 8-bit PCM audio data can be downloaded to the PWM
local FIFO which can hold up to 64 bytes stereo or 128 bytes mono audio data. The data will
be playback based on the pre-scaler and 16-bit counter, and the data will be automatically
scaled to fit in the playback period if necessary.
4.19.1 Features:
Support 7 PWM output channels.
Support single-shot or continuous PWM data output.
Support external GPIO trigger.
Support 16-bit / 8-bit stereo PCM audio data output.
Control PCM FIFO full, empty, half-empty, overflow and underflow buffer management.
Support PCM volume control for audio playback.
4.20 SD host controller
The FT900 series contains one SD host controller offering access to external large capacity
non-volatile memory.
4.20.1 Features:
Compliant with SD host controller standard specification, version 3.0.
Supports both streaming and non-streaming data transfers.
Compliant with SD physical layer specification, version 3.0.
Supports UHS50/UHS104 card.
Supports configurable SD bus modes: 4-bit mode and 8-bit mode.
Compliant with SDIO card specification, version 2.0.
Compliant with MMC card specification, version 4.3.
Supports configurable 1K/2K/4K SRAM for data FIFO.
Supports configurable 1-bit/4-bit SD card bus and 1-bit/4-bit/8-bit MMC card bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com