Electronic Components Datasheet Search
  English  ▼

X  

FT900 Datasheet(PDF) 34 Page - Future Technology Devices International Ltd.

Part # FT900
Description  The FT900 series includes the FT900,FT901, FT902 and FT903 which are complete System-On-Chip 32-bit RISC microcontrollers for embedded applications featuring a high level of integration and low powerconsumption
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT900 Datasheet(HTML) 34 Page - Future Technology Devices International Ltd.

Back Button FT900 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 38Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
Copyright © 2014 Future Technology Devices International Limited
34
FT900/1/2/3 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_000965 Clearance No.: FTDI#421
4.23.1 Features:
All GPIO default to inputs after reset (except GPIO0/1/2).
Multi-function selection on GPIO pins.
Pull-up/Pull-down resistor configuration and open-drain configuration can be
programmed through the pin connect block for each GPIO pin.
Direction control of individual bits.
Supports GPIO input Schmitt trigger to help remove noise.
Supports GPIO interrupt, where each enabled GPIO interrupt can be used to wake-up
the system from power-down mode.
4.24 System Clocks
4.24.1 12 MHz Oscillator
The oscillator generates a 12 MHz reference frequency output to the clock multiplier PLL. The
oscillator clock source comes from either an external 12 MHz crystal or a 12 MHz square wave
clock. The external crystal is connected across XI/CLKIN and XIO in the configuration shown in
Section 6.1. The optional external clock input is connected to XI/CLKIN only.
4.24.2 Phase Locked Loop
The internal PLL takes a 12 MHz clock input from a crystal oscillator. The PLL outputs the 100
MHz system clock frequency to the CPU processor and other peripheral circuits. Each
peripheral has an individual enable control signal to gate the clock source.
4.24.3 32.768 KHz RTC Oscillator
The RTC oscillator provides a clock to the RTC time counter. Either an external 32.768 kHz
crystal or a 32.768 kHz square wave clock can be used as the clock source. The external
crystal is connected across RTC_XI/RTC_CLKIN and RTC_XIO in the configuration shown in
Section 6.2. The optional external clock input is connected to RTC_XI/RTC_CLKIN only.
4.24.4 Internal Slow Clock Oscillator
The internal slow clock oscillator provides at least 5ms slow clock source to generate an
interrupt for the USB2.0 device remote wake-up feature. A USB2.0 device with remote wake-
up capability may not generate resume signalling unless the bus has been continuously in the
idle state for 5ms. The detail description for USB2.0 suspend/resume, please refer to USB2.0
specification chapter7.1.7.7.
4.25 Power Management
4.25.1 Power Supply
The FT900 series may be operated with a single supply of +3.3V apply to VCCIO3V3,
VUSB3V3, VETH3V3 and VCC3V3A pins. The +1.2V internal regulator VOUT1 provides the
power to the core circuit after VCCIO3V3 power on and the system will generate a Power on
Reset (POR) pulse when the output voltage rises above the POR threshold.
The second +1.2V internal regulator VOUT2 will provide the power to the Ethernet transceiver
when VETH3V3 gets the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com