Electronic Components Datasheet Search
  English  ▼

X  

FT900 Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT900
Description  The FT900 series includes the FT900,FT901, FT902 and FT903 which are complete System-On-Chip 32-bit RISC microcontrollers for embedded applications featuring a high level of integration and low powerconsumption
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT900 Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT900 Datasheet HTML 25Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
Copyright © 2014 Future Technology Devices International Limited
29
FT900/1/2/3 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_000965 Clearance No.: FTDI#421
4.10.1 Features:
Conforms to protocol version 2.0 parts A and B.
Supports bit rates of up to 1 Mbit/s.
Supports standard (11-bit identifier) and extended (29-bit identifier) frames.
Support hardware message filtering with dual/single filters.
64 Bytes receiver and 16 Bytes transmitter FIFO.
No overload frames are generated.
Supports normal and listen-only modes.
Supports single shot transmission.
Supports an abort transmission feature.
Readable error counters and last error code capture supported.
4.11 Real Time Clock
The Real Time Clock (RTC) is a set of counters for measuring time when system power is on,
and the internal regulator will provide power to the RTC. It is clocked by a 32.768 kHz
oscillator.
4.11.1 Features:
No need external battery power supply.
Alarm interrupt can be generated for a specific data/time setting.
Hardware reset does not interrupt the RTC counter.
4.12 One-Wire Debugger Interface
The Debugger interface provides the capability, over a One-Wire half duplex serial link, to
access memory mapped address space, such as the FT900 Flash memory, program memory,
data memory and I/O memory. However, there is no transfer capability from any of the
internal memory to the debugger interface.
4.12.1 Features:
Single wire half duplex link that has one Start, eight Data and one Stop bits at a 1M
bit/s rate.
Supports debugger command read / write operation with variable data transfer.
Supports CHIP ID read out.
Supports checksum check by Flash memory operation.
Supports CPU software debugging to execute Run, Stop, Step, Halt, Set software
breakpoint, etc. operations.
Use semaphore flag to control resource allocated by CPU or Debugger.
4.13 SPI Interface
The FT900 series contains an SPI master and SPI0, SPI1 slave controllers. SPI is a full duplex
serial interface designed to handle multiple masters and slaves connected to a given bus.
4.13.1 Features:
Maximum SPI data bit rate 25MHz in master and slave modes.
Full duplex synchronous serial data transfer.
Compliant with SPI specification, support four transfer formats.
SPI master supports Single, Dual and Quad SPI transfer.
SPI0, SPI1 slave support Single transfer only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com