Electronic Components Datasheet Search
  English  ▼

X  

FT900 Datasheet(PDF) 46 Page - Future Technology Devices International Ltd.

Part # FT900
Description  The FT900 series includes the FT900,FT901, FT902 and FT903 which are complete System-On-Chip 32-bit RISC microcontrollers for embedded applications featuring a high level of integration and low powerconsumption
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT900 Datasheet(HTML) 46 Page - Future Technology Devices International Ltd.

Back Button FT900 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 46Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 47Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 48Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 49Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 50Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
Copyright © 2014 Future Technology Devices International Limited
46
FT900/1/2/3 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_000965 Clearance No.: FTDI#421
Slew rate bit
Enable output driver
Data output
Output driver capability
Data input
Schmitt trigger
Keeper
PU
PD
Keeper enable bit
Pull-down enable bit
Pull-up enable bit
Rpu
Rpd
ESD
ESD
VDDIO
VDDIO
PIN
FT900 I/O
Figure 6-5 Standard I/O pin configuration
6.4
USB2.0 Peripheral and Host Interface
The example diagram in Figure 6-6 shows the FT900 series supporting one USB2.0 host port
and one USB2.0 device port, which makes FT900 system data transfer easier via USB adapter.
USB2.0 Device
Port
VBUS_DTC/GPIO3 (60)
VBUS
D_DM (69)
D_DP (70)
DM
DP
GND
DRREF (71)
R
R
USB2.0 Host Port
FT900
USB
(59) PSW_N/GPIO2
VBUS
H_DM (72)
H_DP (73)
DM
DP
GND
HRREF (75)
R
(58) OC_N/GPIO1
(57) VBUS_DISCHG/
GPIO0
VBUS
R
R
VCC3V3
R
VBUS
Figure 6-6 USB2.0 ports connection
The FT900 System shall provide I/O power (+3.3V supply) on VUSB3V3 and core power
(+1.2V supply) on VCC1V2 for the USB2.0 peripheral / host controller. The internal band-gap
gets a reference voltage from DRREF or HRREF with an external reference resistor R (12 KΩ
±1%) respective connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com